Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 69 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 69 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 65Page - PMC-Sierra, Inc PM7367 Datasheet HTML 66Page - PMC-Sierra, Inc PM7367 Datasheet HTML 67Page - PMC-Sierra, Inc PM7367 Datasheet HTML 68Page - PMC-Sierra, Inc PM7367 Datasheet HTML 69Page - PMC-Sierra, Inc PM7367 Datasheet HTML 70Page - PMC-Sierra, Inc PM7367 Datasheet HTML 71Page - PMC-Sierra, Inc PM7367 Datasheet HTML 72Page - PMC-Sierra, Inc PM7367 Datasheet HTML 73Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
55
Table 9 – Transmit Descriptor Fields
Field
Description
Data Buffer Start
Address [31:0]
The Data Buffer Start Address[31:0] bits point to the
data buffer in host memory.
The Data Buffer Start Address field is valid in all TDs
Bytes In Buffer [15:0]
The Bytes In Buffer[15:0] field is used by the host to
indicate the total number of bytes to be transmitted in
the current TD. Zero length buffers are illegal.
P
The Priority bit is set by the host to indicate the
priority of the associated packet in a two level quality
of service scheme. Packets with its P bit set high are
queued in the high priority queue in the TMAC.
Packets with the P bit set low are queued in the low
priority queue. Packets in the low priority queue will
not begin transmission until the high priority queue is
empty.
V
The V bit is used to indicate that the TMAC Next TD
Pointer field is valid. When set to logic 1, the TMAC
Next TD Pointer[13:0] field is valid. When V is set to
logic 0, the TMAC Next TD Pointer[13:0] field is
invalid. The V bit is used by the host to reclaim data
buffers in the event that data presented to the TMAC
is returned to the host due to a channel becoming
unprovisioned. The V bit is expected to be initialised
to logic 0 by the host.
M
The More (M) bit is used by the host to support
packets that require multiple TDs. If M is set to
logic 1, the current TD is just one of several TDs for
the current packet. If M is set to logic 0, this TD
either describes the entire packet (in the single TD
packet case) or describes the end of a packet (in the
multiple TD packet case).
Note: When M is set to logic 1, the only valid value
for CE is logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com