Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 44 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 44 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 40Page - PMC-Sierra, Inc PM7367 Datasheet HTML 41Page - PMC-Sierra, Inc PM7367 Datasheet HTML 42Page - PMC-Sierra, Inc PM7367 Datasheet HTML 43Page - PMC-Sierra, Inc PM7367 Datasheet HTML 44Page - PMC-Sierra, Inc PM7367 Datasheet HTML 45Page - PMC-Sierra, Inc PM7367 Datasheet HTML 46Page - PMC-Sierra, Inc PM7367 Datasheet HTML 47Page - PMC-Sierra, Inc PM7367 Datasheet HTML 48Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
30
8
FUNCTIONAL DESCRIPTION
8.1 High-Level Data Link Control Protocol
Figure 1 shows a diagram of the synchronous HDLC protocol supported by the
FREEDM-32P32. The incoming stream is examined for flag bytes (01111110 bit
pattern) which delineate the opening and closing of the HDLC packet. The
packet is bit de-stuffed which discards a "0" bit which directly follows five
contiguous "1" bits. The resulting HDLC packet size must be a multiple of an
octet (8 bits) and within the expected minimum and maximum packet length
limits. The minimum packet length is that of a packet containing two information
bytes (address and control) and FCS bytes. For packets with CRC-CCITT as
FCS, the minimum packet length is four bytes while those with CRC-32 as FCS,
the minimum length is six bytes. An HDLC packet is aborted when seven
contiguous "1" bits (with no inserted "0" bits) are received. At least one flag byte
must exist between HDLC packets for delineation. Contiguous flag bytes, or all
ones bytes between packets are used as an "inter-frame time fill". Adjacent flag
bytes may share zeros.
Figure 1 – HDLC Frame
Flag
Information
FCS
Flag
HDLC Packet
Flag
The CRC algorithm for the frame checking sequence (FCS) field is either a
CRC-CCITT or CRC-32 function. Figure 2 shows a CRC encoder block diagram
using the generating polynomial g(X) = 1 + g1X + g2X2 +…+ gn-1Xn-1 + Xn. The
CRC-CCITT FCS is two bytes in size and has a generating polynomial g(X) = 1 +
X5 + X12 + X16. The CRC-32 FCS is four bytes in size and has a generating
polynomial g(X) = 1 + X + X2 + X4 + X5 + X7 + X8 + X10 + X11 + X12 + X16 + X22
+ X23 + X26 + X32. The first FCS bit received is the residue of the highest term.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com