Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 98 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 98 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 94Page - PMC-Sierra, Inc PM7367 Datasheet HTML 95Page - PMC-Sierra, Inc PM7367 Datasheet HTML 96Page - PMC-Sierra, Inc PM7367 Datasheet HTML 97Page - PMC-Sierra, Inc PM7367 Datasheet HTML 98Page - PMC-Sierra, Inc PM7367 Datasheet HTML 99Page - PMC-Sierra, Inc PM7367 Datasheet HTML 100Page - PMC-Sierra, Inc PM7367 Datasheet HTML 101Page - PMC-Sierra, Inc PM7367 Datasheet HTML 102Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
84
RPDFQEE:
The receive packet descriptor free queue error interrupt enable bit
(RPDFQEE) enables receive packet descriptor free queue error interrupts to
the PCI host. When RPDFQEE is set high, attempts to retrieve an RPDR
when both the large buffer and small buffer free queues are empty will cause
an interrupt to be generated on the PCIINTB output. Interrupts are masked
when RPDFQEE is set low. However, the RPDFQEI bit remains valid when
interrupts are disabled and may be polled to detect RPDR free queue empty
error events.
RPDRQEE:
The receive packet descriptor ready queue error interrupt enable bit
(RPDRQEE) enables receive packet descriptor ready queue error interrupts
to the PCI host. When RPDRQEE is set high, attempts to write an RPDR
when ready queue is ready full will cause an interrupt to be generated on the
PCIINTB output. Interrupts are masked when RPDRQEE is set low.
However, the RPDRQEI bit remains valid when interrupts are disabled and
may be polled to detect RPDR ready queue full error events.
TDQFE:
The transmit packet descriptor free queue write interrupt enable bit (TDQFE)
enables transmit packet descriptor free queue write interrupts to the PCI host.
When TDQFE is set high, writing a programmable number of TDRs to the
TDR Free Queue will cause an interrupt to be generated on the PCIINTB
output. Interrupts are masked when TDQFE is set low. However, the TDQFI
bit remains valid when interrupts are disabled and may be polled to detect
TDR free queue write events.
TDQRDYE:
The transmit descriptor ready queue cache read interrupt enable bit
(TDQRDYE) enables transmit descriptor ready queue cache read interrupts
to the PCI host. When TDQRDYE is set high, reading a programmable
number of TDRs from the TDR Ready Queue will cause an interrupt to be
generated on the PCIINTB output. Interrupts are masked when TDQRDYE is
set low. However, the TDQRDYI bit remains valid when interrupts are
disabled and may be polled to detect TDR ready queue cache read events.
TDFQEE:
The transmit descriptor free queue error interrupt enable bit (TDFQEE)
enables transmit descriptor free queue error interrupts to the PCI host. When
TDFQEE is set high, attempting to write to the transmit free queue while the
queue is full will cause an interrupt to be generated on the PCIINTB output.
Interrupts are masked when TDFQEE is set low. However, the TDFQEI bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com