Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 102 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 98Page - PMC-Sierra, Inc PM7367 Datasheet HTML 99Page - PMC-Sierra, Inc PM7367 Datasheet HTML 100Page - PMC-Sierra, Inc PM7367 Datasheet HTML 101Page - PMC-Sierra, Inc PM7367 Datasheet HTML 102Page - PMC-Sierra, Inc PM7367 Datasheet HTML 103Page - PMC-Sierra, Inc PM7367 Datasheet HTML 104Page - PMC-Sierra, Inc PM7367 Datasheet HTML 105Page - PMC-Sierra, Inc PM7367 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
88
RPQSFI:
The receive packet descriptor small buffer free queue cache read interrupt
status bit (RPQSFI) reports receive packet descriptor small free queue cache
read interrupts to the PCI host. RPQSFI is set high when the programmable
number of RPDR blocks is read from the RPDR Small Buffer Free Queue.
RPQSFI remains valid when interrupts are disabled and may be polled to
detect RPDR small buffer free queue cache read events.
RPQLFI:
The receive packet descriptor large buffer free queue cache read interrupt
status bit (RPQLFI) reports receive packet descriptor large free queue cache
read interrupts to the PCI host. RPQLFI is set high when the programmable
number of RPDR blocks is read from the RPDR Large Buffer Free Queue.
RPQLFI remains valid when interrupts are disabled and may be polled to
detect RPDR large buffer free queue cache read events.
RPQRDYI:
The receive packet descriptor ready queue write interrupt status bit
(RPQRDYI) reports receive packet descriptor ready queue write interrupts to
the PCI host. RPQRDYI is set high when the programmable number of
RPDRs is written to the RPDR Ready Queue. RPQRDYI remains valid when
interrupts are disabled and may be polled to detect RPDR ready queue write
events.
RPDFQEI:
The receive packet descriptor free queue error interrupt status bit (RPDFQEI)
reports receive packet descriptor free queue error interrupts to the PCI host.
RPDFQEI is set high upon attempts to retrieve an RPDR when both the large
buffer and small buffer free queues are empty. RPDFQEI remains valid when
interrupts are disabled and may be polled to detect RPDR free queue empty
error events.
RPDRQEI:
The receive packet descriptor ready queue error interrupt status bit
(RPDRQEI) reports receive packet descriptor ready queue error interrupts to
the PCI host. RPDRQEI is set high upon attempts to write an RPDR when
ready queue is ready full. RPDRQEI remains valid when interrupts are
disabled and may be polled to detect RPDR ready queue full error events.
TDQFI:
The transmit packet descriptor free queue write interrupt status bit (TDQFI)
reports transmit packet descriptor free queue write interrupts to the PCI host.
TDQFI is set high when the programmable number of TDRs is written to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com