Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 101 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 97Page - PMC-Sierra, Inc PM7367 Datasheet HTML 98Page - PMC-Sierra, Inc PM7367 Datasheet HTML 99Page - PMC-Sierra, Inc PM7367 Datasheet HTML 100Page - PMC-Sierra, Inc PM7367 Datasheet HTML 101Page - PMC-Sierra, Inc PM7367 Datasheet HTML 102Page - PMC-Sierra, Inc PM7367 Datasheet HTML 103Page - PMC-Sierra, Inc PM7367 Datasheet HTML 104Page - PMC-Sierra, Inc PM7367 Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
87
SERRI:
The system error interrupt status bit (SERRI) reports PCI system error
interrupts to the PCI host. SERRI is set high upon detection of any address
parity error, data parity error on Special Cycle commands, reception of a
master abort or detection of a target abort event. The SERRI bit remains
valid when interrupts are disabled and may be polled to detect PCI system
error events.
PERRI:
The parity error interrupt status bit (PERRI) reports PCI parity error interrupts
to the PCI host. PERRI is set high when data parity errors are detected by
the FREEDM-32P32 while acting as a master, and when parity errors are
reported to the FREEDM-32P32 by a target via the PERRB input. The
PERRI bit remains valid when interrupts are disabled and may be polled to
detect PCI parity error events.
RFCSEI:
The receive frame check sequence error interrupt status bit (RFCSEI) reports
receive FCS error interrupts to the PCI host. RFCSEI is set high, when a
mismatch between the received FCS code and the computed CRC residue is
detected. RFCSEI remains valid when interrupts are disabled and may be
polled to detect receive FCS error events.
RABRTI:
The receive abort interrupt status bit (RABRTI) reports receive HDLC abort
interrupts to the PCI host. RABRTI is set high upon receipt of an abort code
(at least 7 contiguous 1's). RABRTI remains valid when interrupts are
disabled and may be polled to detect receive abort events.
RPFEI:
The receive packet format error interrupt status bit (RPFEI) reports receive
packet format error interrupts to the PCI host. RPFEI is set high upon receipt
of a packet that is longer than the maximum programmed length, of a packet
that is shorter than 32 bits (CRC-CCITT) or 48 bits (CRC-32), or of a packet
that is not octet aligned. RPFEI remains valid when interrupts are disabled
and may be polled to detect receive packet format error events.
RFOVRI:
The receive FIFO overrun error interrupt status bit (RFOVRI) reports receive
FIFO overrun error interrupts to the PCI host. RFOVRI is set high on
attempts to write data into the logical FIFO of a channel when it is already full.
RFOVRI remains valid when interrupts are disabled and may be polled to
detect receive FIFO overrun events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com