Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 56 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 56 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 52Page - PMC-Sierra, Inc PM7367 Datasheet HTML 53Page - PMC-Sierra, Inc PM7367 Datasheet HTML 54Page - PMC-Sierra, Inc PM7367 Datasheet HTML 55Page - PMC-Sierra, Inc PM7367 Datasheet HTML 56Page - PMC-Sierra, Inc PM7367 Datasheet HTML 57Page - PMC-Sierra, Inc PM7367 Datasheet HTML 58Page - PMC-Sierra, Inc PM7367 Datasheet HTML 59Page - PMC-Sierra, Inc PM7367 Datasheet HTML 60Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
42
Figure 6 – RPDRF and RPDRR Queues
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
RPDR
Status + RPDR
Status + RPDR
Status + RPDR
Status + RPDR
Status + RPDR
Status + RPDR
RQB[31:2] = Rx Queue Base register
RPDRRQS[15:0]
= RPDR Ready Queue Start register
RPDRRQW[15:0] = RPDR Ready Queue Write register
RPDRRQR[15:0] = RPDR Ready Queue Read register
RPDRRQE[15:0]
= RPDR Ready Queue End register
Receive Packet Descriptor (RPD) Reference Queues
Base Address:
Index Registers:
Ready Queue:
RPDRSFQS[15:0] = RPDR Small Free Queue Start register
RPDRSFQW[15:0] = RPDR Small Free Queue Write register
RPDRSFQR[15:0] = RPDR Small Free Queue Read register
RPDRSFQE[15:0] = RPDR Small Free Queue End register
Large Buffer Free Queue:
Small Buffer Free Queue:
RPDRLFQS[15:0] = RPDR Large Free Queue Start register
RPDRLFQW[15:0] = RPDR Large Free Queue Write register
RPDRLFQR[15:0] = RPDR Large Free Queue Read register
RPDRLFQE[15:0] = RPDR Large Free Queue End register
Base Address
+ Index Register
-------------------------
Host Address
00
RQB[31:2]
Index[15:0]
+
AD[31:0]
Rx Packet Descriptor Reference Queue Memory
M
RQB
Bit 0
Bit 31
Valid RPDR
256KB
RPD Reference Queues
Host Memory
RPDRRQS
RPDRRQW
RPDRRQR
RPDRRQE
RPDRLFQS
RPDRLFQW
RPDRLFQR
RPDRLFQE
RPDRSFQS
RPDRSFQW
RPDRSFQR
RPDRSFQE
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com