Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 28 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 28 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 24Page - PMC-Sierra, Inc PM7367 Datasheet HTML 25Page - PMC-Sierra, Inc PM7367 Datasheet HTML 26Page - PMC-Sierra, Inc PM7367 Datasheet HTML 27Page - PMC-Sierra, Inc PM7367 Datasheet HTML 28Page - PMC-Sierra, Inc PM7367 Datasheet HTML 29Page - PMC-Sierra, Inc PM7367 Datasheet HTML 30Page - PMC-Sierra, Inc PM7367 Datasheet HTML 31Page - PMC-Sierra, Inc PM7367 Datasheet HTML 32Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
14
Table 2 – PCI Host Interface Signals (51)
Pin Name
Type
Pin
No.
Function
PCICLK
Input
B17
The PCI clock signal (PCICLK) provides timing
for PCI bus accesses. PCICLK is a nominally
50% duty cycle, 0 to 33 MHz clock.
PCICLKO
Output
C17
The PCI clock output signal (PCICLKO) is a
buffered version of the PCICLK. PCICLKO may
be used to drive the SYSCLK input.
AD[0]
AD[1]
AD[2]
AD[3]
AD[4]
AD[5]
AD[6]
AD[7]
AD[8]
AD[9]
AD[10]
AD[11]
AD[12]
AD[13]
AD[14]
AD[15]
AD[16]
AD[17]
AD[18]
AD[19]
AD[20]
AD[21]
AD[22]
AD[23]
AD[24]
AD[25]
AD[26]
AD[27]
AD[28]
AD[29]
AD[30]
I/O
U19
U18
T17
U20
T18
T19
T20
R18
R20
P18
P19
P20
N18
N19
N20
M17
J19
J18
J17
H20
H19
H18
G20
G19
F19
E20
G17
F18
E19
D20
E18
The PCI address and data bus (AD[31:0])
carries the PCI bus multiplexed address and
data. During the first clock cycle of a
transaction, AD[31:0] contains a physical byte
address. During subsequent clock cycles of a
transaction, AD[31:0] contains data.
A transaction is defined as an address phase
followed by one or more data phases. When
Little-Endian byte formatting is selected,
AD[31:24] contain the most significant byte of a
DWORD while AD[7:0] contain the least
significant byte. When Big-Endian byte
formatting is selected. AD[7:0] contain the most
significant byte of a DWORD while AD[31:24]
contain the least significant byte. When the
FREEDM-32P32 is the initiator, AD[31:0] is an
output bus during the first (address) phase of a
transaction. For write transactions, AD[31:0]
remains an output bus for the data phases of
the transaction. For read transactions, AD[31:0]
is an input bus during the data phases.
When the FREEDM-32P32 is the target,
AD[31:0] is an input bus during the first
(address) phase of a transaction. For write
transactions, AD[31:0] remains an input bus
during the data phases of the transaction. For
read transactions, AD[31:0] is an output bus
during the data phases.
When the FREEDM-32P32 is not involved in
the current transaction, AD[31:0] is tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com