Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 86 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 86 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 82Page - PMC-Sierra, Inc PM7367 Datasheet HTML 83Page - PMC-Sierra, Inc PM7367 Datasheet HTML 84Page - PMC-Sierra, Inc PM7367 Datasheet HTML 85Page - PMC-Sierra, Inc PM7367 Datasheet HTML 86Page - PMC-Sierra, Inc PM7367 Datasheet HTML 87Page - PMC-Sierra, Inc PM7367 Datasheet HTML 88Page - PMC-Sierra, Inc PM7367 Datasheet HTML 89Page - PMC-Sierra, Inc PM7367 Datasheet HTML 90Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
72
the request from the link with the highest priority for service. When there are no
pending requests, the priority encoder generates an idle cycle. In addition, once
every fourth SYSCLK cycle, the priority encoder inserts a null cycle where no
requests are serviced. This cycle is used by the channel assigner downstream
for CBI accesses to the channel provision RAM.
8.8.3 Channel Assigner
The channel assigner block determines the channel number of the request
currently being processed. The block contains a 1024 word channel provision
RAM. The address of the RAM is constructed from concatenating the link
number and the time-slot number of the highest priority requester. The fields of
each RAM word include the channel number and a time-slot enable flag. The
time-slot enable flag labels the current time-slot as belonging to the channel
indicted by the channel number field. For time-slots that are enabled, the
channel assigner issues a request to the THDL block which responds with packet
data within one byte period of the transmit stream.
8.9 Performance Monitor
The Performance Monitor block (PMON) contains four counters. The first two
accumulate receive partial packet buffer FIFO overrun events and transmit partial
packet buffer FIFO underflow events, respectively. The remaining two counters
are software programmable to accumulate a variety of events, such as receive
packet count, FCS error counts, etc. All counters saturate upon reaching
maximum value. The accumulation logic consists of a counter and holding
register pair. The counter is incremented when the associated event is detected.
Writing to the FREEDM-32P32 Master Clock / BERT Activity Monitor and
Accumulation Trigger register transfer the count to the corresponding holding
register and clear the counter. The contents of the holding register is accessible
via the PCI interface.
8.10 JTAG Test Access Port Interface
The JTAG Test Access Port block provides JTAG support for boundary scan.
The standard JTAG EXTEST, SAMPLE, BYPASS, IDCODE and STCTEST
instructions are supported. The FREEDM-32P32 identification code is
173670CD hexadecimal.
8.11 PCI Host Interface
The FREEDM-32P32 supports two different normal mode register types as
defined below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com