Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 63Page - PMC-Sierra, Inc PM7367 Datasheet HTML 64Page - PMC-Sierra, Inc PM7367 Datasheet HTML 65Page - PMC-Sierra, Inc PM7367 Datasheet HTML 66Page - PMC-Sierra, Inc PM7367 Datasheet HTML 67Page - PMC-Sierra, Inc PM7367 Datasheet HTML 68Page - PMC-Sierra, Inc PM7367 Datasheet HTML 69Page - PMC-Sierra, Inc PM7367 Datasheet HTML 70Page - PMC-Sierra, Inc PM7367 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
53
8.5.4 CBI Bus Interface
The CBI bus interface provides access to the CBI address space of the
FREEDM-32P32 blocks. The CBI address space is set by the associated BAR in
the PCI Configuration registers.
Write transfers to the CBI space always write all 32 bits provided that at least
one byte enable is asserted. A write command with all byte enables negated will
be ignored. Read transfers always return the 32 bits regardless of the status of
the byte enables, as long as at least one byte enable is asserted. A read
command with all byte enables negated will be ignored.
8.5.5 Error / Bus Control
The Error/Bus Control block monitors signals from both the Target block and
Master Block to determine the direction of the PCI bus pads and to generate or
check parity. After reset, the GPIC sets all bi-directional PCI bus pads to inputs
and monitors the bus for accesses. The Error/Bus control unit remains in this
state unless either the Master requests the PCI bus or the Target responds to a
PCI Master Access. The Error/Bus control unit decodes the state of each state
machine to determine the direction of each PCI bus signal.
All PCI bus devices are required to check and generate even parity across
AD[31:0] and C/BEB[3:0] signals. The GPIC generates parity on Master address
and write data phases; the target generates parity on read data phases. The
GPIC is required to check parity on all PCI bus phases even if it is not
participating in the cycle. But, the GPIC will report parity errors only if the GPIC
is involved in the PCI cycle or if the GPIC detects an address parity error or data
parity is detected in a PCI special cycle. The GPIC updates the PCI
Configuration Status register for all detected error conditions.
8.6 Transmit DMA Controller
The Transmit DMA Controller block (TMAC) is a DMA controller which retrieves
packet data from host computer memory for transmission. The minimum packet
data length is two bytes. The TMAC communicates with the host computer bus
through the master interface connected to PCI Controller block (GPIC) which
translates host bus specific signals from the host to the master interface format.
The TMAC uses the master interface whenever it wishes to initiate a host bus
read or write; in this case, the TMAC is the initiator and the host memory is the
target.
The TMAC and the host exchange information using transmit descriptors (TDs).
The descriptor contains the size and location of buffers in host memory and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com