Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 29 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 29 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 25Page - PMC-Sierra, Inc PM7367 Datasheet HTML 26Page - PMC-Sierra, Inc PM7367 Datasheet HTML 27Page - PMC-Sierra, Inc PM7367 Datasheet HTML 28Page - PMC-Sierra, Inc PM7367 Datasheet HTML 29Page - PMC-Sierra, Inc PM7367 Datasheet HTML 30Page - PMC-Sierra, Inc PM7367 Datasheet HTML 31Page - PMC-Sierra, Inc PM7367 Datasheet HTML 32Page - PMC-Sierra, Inc PM7367 Datasheet HTML 33Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
15
Pin Name
Type
Pin
No.
Function
AD[31]
I/O
D19
As an output bus, AD[31:0] is updated on the
rising edge of PCICLK. As an input bus,
AD[31:0] is sampled on the rising edge of
PCICLK.
C/BEB[0]
C/BEB[1]
C/BEB[2]
C/BEB[3]
I/O
R19
M18
J20
G18
The PCI bus command and byte enable bus
(C/BEB[3:0]) contains the bus command or the
byte valid indications. During the first clock
cycle of a transaction, C/BEB[3:0] contains the
bus command code. For subsequent clock
cycles, C/BEB[3:0] identifies which bytes on the
AD[31:0] bus carry valid data. C/BEB[3] is
associated with byte 3 (AD[31:24]) while
C/BEB[0] is associated with byte 0 (AD[7:0]).
When C/BEB[n] is set high, the associated byte
is invalid. When C/BEB[n] is set low, the
associated byte is valid.
When the FREEDM-32P32 is the initiator,
C/BEB[3:0] is an output bus.
When the FREEDM-32P32 is the target,
C/BEB[3:0] is an input bus.
When the FREEDM-32P32 is not involved in
the current transaction, C/BEB[3:0] is tri-stated.
As an output bus, C/BEB[3:0] is updated on the
rising edge of PCICLK. As an input bus,
C/BEB[3:0] is sampled on the rising edge of
PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com