Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 76 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 76 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 72Page - PMC-Sierra, Inc PM7367 Datasheet HTML 73Page - PMC-Sierra, Inc PM7367 Datasheet HTML 74Page - PMC-Sierra, Inc PM7367 Datasheet HTML 75Page - PMC-Sierra, Inc PM7367 Datasheet HTML 76Page - PMC-Sierra, Inc PM7367 Datasheet HTML 77Page - PMC-Sierra, Inc PM7367 Datasheet HTML 78Page - PMC-Sierra, Inc PM7367 Datasheet HTML 79Page - PMC-Sierra, Inc PM7367 Datasheet HTML 80Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
62
performance statistics on channels and not for initiating packet specific
responses such as retransmission.
Transmit Channel Descriptor Reference Table
The TMAC maintains a Transmit Channel Descriptor Reference (TCDR) table in
which is stored certain information relating to DMA activity on each channel
together with TD pointers which are used by the TMAC to sort packet chains
supplied by the host into per-channel linked lists (see below). The caching of
DMA-related information reduces the number of host bus accesses required to
process each data packet, while the sorting into per-channel linked lists
eliminates head of line blocking. Each channel is provided with two entries in the
TCDR table, one for high priority packets (Pri 1) and one for low priority packets
(Pri 0). The structure of the TCDR table is shown in Figure 13 below.
Figure 13 – Transmit Channel Descriptor Reference Table
MCE
Last TD Pointer
AD
Current TD Pointer
Bytes to Tx
[1 0]
Abrt IOC
Host TD Pointer
[13 0]
DMA Current Address
[31 0]
Reserved
MCE
Last TD Pointer
[13 0]
AD
Current TD Pointer
[13 0]
Bytes to Tx
[1 0]
Abrt IOC
Host TD Pointer
[13 0]
DMA Current Address
[31 0]
MCE
Last TD Pointer
AD
Current TD Pointer
Bytes to Tx
[1 0]
Abrt IOC
Host TD Pointer
[13 0]
DMA Current Address
[31 0]
:
:
:
Bit 31
Bit 0
TCC 0, Pri 0
TCC 1, Pri 0
TCC 31, Pri 1
Next TD Pointer
[13 0]
Reserved
Next TD Pointer
[13 0]
Reserved
Next TD Pointer
[13 0]
V
V
V
Last
M
U
NA
Last
M
U
NA
Last
M
U
NA
PiP
PiP
PiP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com