Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 80 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 80 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 76Page - PMC-Sierra, Inc PM7367 Datasheet HTML 77Page - PMC-Sierra, Inc PM7367 Datasheet HTML 78Page - PMC-Sierra, Inc PM7367 Datasheet HTML 79Page - PMC-Sierra, Inc PM7367 Datasheet HTML 80Page - PMC-Sierra, Inc PM7367 Datasheet HTML 81Page - PMC-Sierra, Inc PM7367 Datasheet HTML 82Page - PMC-Sierra, Inc PM7367 Datasheet HTML 83Page - PMC-Sierra, Inc PM7367 Datasheet HTML 84Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
66
8.6.2 Task Priorities
The TMAC must perform a number of tasks concurrently in order to maintain a
steady flow of data through the system. The main tasks of the TMAC are
managing the Ready Queue (i.e. removing chains of data packets from the
queue and attaching them to the appropriate per-channel linked list) and
servicing requests for data from the Transmit Packet Interface. The priority of
service for each of the tasks is fixed by the TMAC as follows:-
· Top priority is given to servicing ‘expedited’ read requests from the Transmit
HDLC Processor / Partial Packet Buffer block (THDL).
· Second priority is given to removing chains of data packets from the TDRR
queue and attaching them to the appropriate per-channel linked list.
· Third priority is given to servicing non-expedited read requests from the
THDL.
8.6.3 DMA Transaction Controller
The DMA Transaction Controller coordinates the processing of requests from the
THDL with the reading of data stored in host memory. The reading of a data
packet may require a number of separate host memory transactions, interleaved
with transactions of other DMA channels. As well as reading data from the Host
Master Interface, the DMA Transaction Controller initiates read and write
transactions to the PCI Controller block (GPIC) for the purposes of maintaining
the data structures (queues, descriptors, etc.) in host memory.
8.6.4 Read Data Pipeline
The Read Data Pipeline inserts delay in the data stream between the GPIC
interface and the THDL interface to enable the DMA Transaction Controller to
generate appropriate control signals at the Transmit Packet Interface.
8.6.5 Descriptor Information Cache
The Descriptor Information Cache provides the storage for the Transmit Channel
Descriptor Reference (TCDR) Table.
8.6.6 Free Queue Cache
The Free Queue Cache block implements the 6 element TDR Free Queue
cache. Caching TDRs reduces the number of host bus accesses that the TMAC
makes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com