Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 77 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 77 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 73Page - PMC-Sierra, Inc PM7367 Datasheet HTML 74Page - PMC-Sierra, Inc PM7367 Datasheet HTML 75Page - PMC-Sierra, Inc PM7367 Datasheet HTML 76Page - PMC-Sierra, Inc PM7367 Datasheet HTML 77Page - PMC-Sierra, Inc PM7367 Datasheet HTML 78Page - PMC-Sierra, Inc PM7367 Datasheet HTML 79Page - PMC-Sierra, Inc PM7367 Datasheet HTML 80Page - PMC-Sierra, Inc PM7367 Datasheet HTML 81Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
63
Table 11 – Transmit Channel Descriptor Reference Table Fields
Field
Description
M
A copy of the M bit in the TD currently being read.
CE
A copy of the CE bit in the TD currently being read.
Last TD Pointer [13:0] Offset to the head of the last host-linked chain of TDs
to be read. (See Figure 14)
A
Indicates if this channel is active (i.e. provisioned). If
the channel is active, the A bit is set to logic 1. If the
channel is inactive, the A bit is set to logic 0.
D
Indicates whether the linked list of packets for this
channel is empty or not. If the D bit is set to logic 1,
the list is not empty and the current TD pointer field is
valid (i.e., it points to a valid TD). If the D bit is set to
logic 0, the list is empty and the current TD pointer field
is invalid.
Current TD Pointer
[13:0]
Offset to the TD currently being read.
Bytes To Tx[15:0]
The Bytes to Tx[15:0] bits are used to indicate the total
number of bytes that remain to be read in the current
buffer. Each access to the data buffer decrements this
value. A value of zero in this field indicates the buffer
has been completely read.
ABRT
A copy of the ABRT bit in the TD currently being read.
IOC
A copy of the IOC bit in the TD currently being read.
PiP
The Packet Transfer in Progress bit indicates that a
packet is currently being transmitted on this channel at
this priority level.
NA
Indicates that a ‘null abort’ is to be sent to the
downstream block when it next requests data on this
channel. The NA bit is set if a mal-formed TD is
encountered while searching down a host chain.
U
Indicates that a underflow has occurred on this
channel. This bit is set in response to an underflow
indication for the downstream THDL block and is
cleared when a TDR is written to the TDR Free Queue
(or to the free queue cache).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com