Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 41Page - PMC-Sierra, Inc PM7367 Datasheet HTML 42Page - PMC-Sierra, Inc PM7367 Datasheet HTML 43Page - PMC-Sierra, Inc PM7367 Datasheet HTML 44Page - PMC-Sierra, Inc PM7367 Datasheet HTML 45Page - PMC-Sierra, Inc PM7367 Datasheet HTML 46Page - PMC-Sierra, Inc PM7367 Datasheet HTML 47Page - PMC-Sierra, Inc PM7367 Datasheet HTML 48Page - PMC-Sierra, Inc PM7367 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
31
Figure 2 – CRC Generator
D0
D1
g1
D2
Dn-1
Message
Parity Check Digits
g2
gn-1
LSB
MSB
8.2 Receive Channel Assigner
The Receive Channel Assigner block (RCAS) processes up to 32 serial links.
Each link is independent and has its own associated clock. For each link, the
RCAS performs a serial to parallel conversion to form data bytes. The data
bytes are multiplexed, in byte serial format, for delivery to the Receive HDLC
Processor / Partial Packet Buffer block (RHDL) at SYSCLK rate. In the event
where multiple streams have accumulated a byte of data, multiplexing is
performed on a fixed priority basis with link #0 having the highest priority and link
#31 the lowest.
Links containing a T1 or an E1 stream may be channelised. Data at each time-
slot may be independently assigned to a different channel. The RCAS performs
a table lookup to associate the link and time-slot identity with a channel. T1 and
E1 framing bits/bytes are identified by observing the gap in the link clock which is
squelched during the framing bits/bytes. For unchannelised links, clock rates are
limited to 52 MHz on link #0 to #2 and limited to 10 MHz for the remaining links.
All data on each link belongs to one channel. For the case of two unchannelised
links, the maximum link rate is 45 MHz for SYSCLK at 25 MHz and 52 MHz for
SYSCLK at 33 MHz. For the case of more numerous unchannelised links or a
mixture of channelise with unchannelised links, the total instantaneous link rate
over all the links is limited to 64 MHz. The RCAS performs a table lookup using
only the link number to determine the associated channel, as time-slots are
non-existent in unchannelised links.
The RCAS provides diagnostic loopback that is selectable on a per channel
basis. When a channel is in diagnostic loopback, stream data on the received
links originally destined for that channel is ignored. Transmit data of that channel
is substituted in its place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com