Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 90 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 90 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 86Page - PMC-Sierra, Inc PM7367 Datasheet HTML 87Page - PMC-Sierra, Inc PM7367 Datasheet HTML 88Page - PMC-Sierra, Inc PM7367 Datasheet HTML 89Page - PMC-Sierra, Inc PM7367 Datasheet HTML 90Page - PMC-Sierra, Inc PM7367 Datasheet HTML 91Page - PMC-Sierra, Inc PM7367 Datasheet HTML 92Page - PMC-Sierra, Inc PM7367 Datasheet HTML 93Page - PMC-Sierra, Inc PM7367 Datasheet HTML 94Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
76
PCI Offset
Register
0x394
THDL Reserved
0x398
THDL Reserved
0x39C
THDL Reserved
0x3A0
THDL Indirect Block Select
0x3A4
THDL Indirect Block Data
0x3A8
THDL Reserved
0x3AC
THDL Reserved
0x3B0
THDL Configuration
0x3B4 - 0x3BC
THDL Reserved
0x3C0 - 0x3FF
Reserved
0x400
TCAS Indirect Channel and Time-slot Select
0x404
TCAS Indirect Channel Data
0x408
TCAS Framing Bit Threshold
0x40C
TCAS Idle Time-slot Fill Data and Config.
0x410
TCAS Channel Disable
0x414 - 0x47C
TCAS Reserved
0x480
TCAS Link #0 Configuration
0x484 - 0x4FC
TCAS Link #1 to Link #31 Configuration
0x500
PMON Status
0x504
PMON Receive FIFO Overflow Count
0x508
PMON Transmit FIFO Underflow Count
0x50C
PMON Configurable Count #1
0x510
PMON Configurable Count #2
0x514 - 0x51C
PMON Reserved
0x520 - 0x7FC
Reserved
The following PCI configuration registers are implemented by the PCI Interface.
These registers can only be accessed when the PCI Interface is a target and a
configuration cycle is in progress as indicated using the IDSEL input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com