Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 31 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 31 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 27Page - PMC-Sierra, Inc PM7367 Datasheet HTML 28Page - PMC-Sierra, Inc PM7367 Datasheet HTML 29Page - PMC-Sierra, Inc PM7367 Datasheet HTML 30Page - PMC-Sierra, Inc PM7367 Datasheet HTML 31Page - PMC-Sierra, Inc PM7367 Datasheet HTML 32Page - PMC-Sierra, Inc PM7367 Datasheet HTML 33Page - PMC-Sierra, Inc PM7367 Datasheet HTML 34Page - PMC-Sierra, Inc PM7367 Datasheet HTML 35Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
17
Pin Name
Type
Pin
No.
Function
TRDYB
I/O
K19
The active low target ready signal (TRDYB)
indicates when the target is ready to start or
continue with a transaction. TRDYB works in
conjunction with IRDYB to complete transaction
data phases. During a transaction in progress,
TRDYB is set high to indicate that the target
cannot complete the current data phase and to
force a wait state. TRDYB is set low to indicate
that the target can complete the current data
phase. The data phase is completed when
TRDYB is set low and the initiator ready signal
(IRDYB) is also set low.
When the FREEDM-32P32 is the initiator,
TRDYB is an input.
When the FREEDM-32P32 is the target,
TRDYB is an output. During accesses to
FREEDM-32P32 registers, TRDYB is set high to
extend data phases over multiple PCICLK
cycles.
When the FREEDM-32P32 is not involved in
the current transaction, TRDYB is tri-stated.
As an output signal, TRDYB is updated on the
rising edge of PCICLK. As an input signal,
TRDYB is sampled on the rising edge of
PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com