Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 96 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 96 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 92Page - PMC-Sierra, Inc PM7367 Datasheet HTML 93Page - PMC-Sierra, Inc PM7367 Datasheet HTML 94Page - PMC-Sierra, Inc PM7367 Datasheet HTML 95Page - PMC-Sierra, Inc PM7367 Datasheet HTML 96Page - PMC-Sierra, Inc PM7367 Datasheet HTML 97Page - PMC-Sierra, Inc PM7367 Datasheet HTML 98Page - PMC-Sierra, Inc PM7367 Datasheet HTML 99Page - PMC-Sierra, Inc PM7367 Datasheet HTML 100Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
82
SERRE:
The system error interrupt enable bit (SERRE) enables PCI system error
interrupts to the PCI host. When SERRE is set high, any address parity error,
data parity error on Special Cycle commands, reception of a master abort or
detection of a target abort will cause an interrupt to be generated on the
PCIINTB output. Interrupts are masked when SERRE is set low. However,
the SERRI bit remains valid when interrupts are disabled and may be polled
to detect PCI system error events.
PERRE:
The parity error interrupt enable bit (PERRE) enables PCI parity error
interrupts to the PCI host. When PERRE is set high, data parity errors
detected by the FREEDM-32P32 or parity errors reported by a target will
cause an interrupt to be generated on the PCIINTB output. Interrupts are
masked when PERRE is set low. However, the PERRI bit remains valid when
interrupts are disabled and may be polled to detect PCI parity error events.
RFCSEE:
The receive frame check sequence error interrupt enable bit (RFCSEE)
enables receive FCS error interrupts to the PCI host. When RFCSEE is set
high, a mismatch between the received FCS code and the computed CRC
residue will cause an interrupt to be generated on the PCIINTB output.
Interrupts are masked when RFCSEE is set low. However, the RFCSEI bit
remains valid when interrupts are disabled and may be polled to detect
receive FCS error events.
RABRTE:
The receive abort interrupt enable bit (RABRTE) enables receive HDLC abort
interrupts to the PCI host. When RABRTE is set high, receipt of an abort
code (at least 7 contiguous 1's) will cause an interrupt to be generated on the
PCIINTB output. Interrupts are masked when RABRTE is set low. However,
the RABRTI bit remains valid when interrupts are disabled and may be polled
to detect receive abort events.
RPFEE:
The receive packet format error interrupt enable bit (RPFEE) enables receive
packet format error interrupts to the PCI host. When RPFEE is set high,
receipt of a packet that is longer than the maximum specified in the RHDL
Maximum Packet Length register, of a packet that is shorter than 32 bits
(CRC-CCITT) or 48 bits (CRC-32), or of a packet that is not octet aligned will
cause an interrupt to be generated on the PCIINTB output. Interrupts are
masked when RPFEE is set low. However, the RPFEI bit remains valid when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com