Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 102Page - PMC-Sierra, Inc PM7367 Datasheet HTML 103Page - PMC-Sierra, Inc PM7367 Datasheet HTML 104Page - PMC-Sierra, Inc PM7367 Datasheet HTML 105Page - PMC-Sierra, Inc PM7367 Datasheet HTML 106Page - PMC-Sierra, Inc PM7367 Datasheet HTML 107Page - PMC-Sierra, Inc PM7367 Datasheet HTML 108Page - PMC-Sierra, Inc PM7367 Datasheet HTML 109Page - PMC-Sierra, Inc PM7367 Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
92
Register 0x010 : FREEDM-32P32 Master Link Activity Monitor
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
R
TLGA[7]
X
Bit 14
R
TLGA[6]
X
Bit 13
R
TLGA[5]
X
Bit 12
R
TLGA[4]
X
Bit 11
R
TLGA[3]
X
Bit 10
R
TLGA[2]
X
Bit 9
R
TLGA[1]
X
Bit 8
R
TLGA[0]
X
Bit 7
R
RLGA[7]
X
Bit 6
R
RLGA[6]
X
Bit 5
R
RLGA[5]
X
Bit 4
R
RLGA[4]
X
Bit 3
R
RLGA[3]
X
Bit 2
R
RLGA[2]
X
Bit 1
R
RLGA[1]
X
Bit 0
R
RLGA[0]
X
This register provides activity monitoring on FREEDM-32P32 receive and
transmit link inputs. When a monitored input makes a low to high transition, the
corresponding register bit is set high. The bit will remain high until this register is
read, at which point, all the bits in this register are cleared. A lack of transitions
is indicated by the corresponding register bit reading low. This register should be
read at periodically to detect for stuck at conditions.
Note
This register is not byte addressable. Reading this register clears all the activity
bits in the register. Byte selection using byte enable signals (CBEB[3:0]) are not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com