Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7367 Datasheet(PDF) 108 Page - PMC-Sierra, Inc

Part # PM7367
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367 Datasheet(HTML) 108 Page - PMC-Sierra, Inc

Back Button PM7367 Datasheet HTML 104Page - PMC-Sierra, Inc PM7367 Datasheet HTML 105Page - PMC-Sierra, Inc PM7367 Datasheet HTML 106Page - PMC-Sierra, Inc PM7367 Datasheet HTML 107Page - PMC-Sierra, Inc PM7367 Datasheet HTML 108Page - PMC-Sierra, Inc PM7367 Datasheet HTML 109Page - PMC-Sierra, Inc PM7367 Datasheet HTML 110Page - PMC-Sierra, Inc PM7367 Datasheet HTML 111Page - PMC-Sierra, Inc PM7367 Datasheet HTML 112Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
94
RD[27:24] has been sampled low and sampled high by rising edges of the
corresponding RCLK[27:24] inputs, and is set low when this register is read.
RLGA[7]:
The receive link group #7 active bit (RLGA[7]) monitors for transitions on the
RD[31:28] and RCLK[31:28] inputs. RLGA[7] is set high when each of
RD[31:28] has been sampled low and sampled high by rising edges of the
corresponding RCLK[31:28] inputs, and is set low when this register is read.
TLGA[0]:
The transmit link group #0 active bit (TLGA[0]) monitors for low to high
transitions on the TCLK[3:0] inputs. TLGA[0] is set high when rising edges
have been observed on all the signals on the TCLK[3:0] inputs, and is set low
when this register is read.
TLGA[1]:
The transmit link group #1 active bit (TLGA[1]) monitors for low to high
transitions on the TCLK[7:4] inputs. TLGA[1] is set high when rising edges
have been observed on all the signals on the TCLK[7:4] inputs, and is set low
when this register is read.
TLGA[2]:
The transmit link group #2 active bit (TLGA[2]) monitors for low to high
transitions on the TCLK[11:8] inputs. TLGA[2] is set high when rising edges
have been observed on all the signals on the TCLK[11:8] inputs, and is set
low when this register is read.
TLGA[3]:
The transmit link group #3 active bit (TLGA[3]) monitors for low to high
transitions on the TCLK[15:12] inputs. TLGA[3] is set high when rising edges
have been observed on all the signals on the TCLK[15:12] inputs, and is set
low when this register is read.
TLGA[4]:
The transmit link group #4 active bit (TLGA[4]) monitors for low to high
transitions on the TCLK[19:16] inputs. TLGA[4] is set high when rising edges
have been observed on all the signals on the TCLK[19:16] inputs, and is set
low when this register is read.
TLGA[5]:
The transmit link group #5 active bit (TLGA[5]) monitors for low to high
transitions on the TCLK[23:20] inputs. TLGA[5] is set high when rising edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com