Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 34 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 34 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 38Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 202 page
background image
Page 24
2. Operational Descriptions
2.2 System Clock Controller
TMP86CS64AFG
Figure 2-7 Level-Sensitive Exit Mode
Note 1: After a warm-up period starts, the STOP mode is not reentered if the STOP pin input becomes
low or STOP5 to STOP2 becomes high again.
Note 2: To return to the level-sensitive exit mode after setting up the edge-sensitive exit mode, the exit
mode is not switched until the rising edge of the STOP pin input is detected.
(2) Edge-sensitive exit mode (RELM = 0)
In this mode, the STOP mode is exited at the rising edge of the STOP pin input. This mode is used
in applications where a relatively short program is run repeatedly at periodic intervals. This periodic
signal (i.e., a clock from a low-power consumption oscillator) is input input to the STOP pin. In the
edge-sensitive exit mode, the STOP mode is entered even if the STOP pin input is high. Disable the
STOP5 to STOP2 pin input with the key-on wake-up control register (STOPCR).
Figure 2-8 Edge-Sensitive Exit Mode
Example 2 :Entering the STOP mode from the NORMAL mode by the INT5 interrupt
PINT5:
TEST
(P2PRD) . 0
: To eliminate spurious noise, the STOP mode is not entered if the
P20 port input is set to high.
JRS
F, SINT5
: Sets the level-sensitive exit mode.
LD
(SYSCR1), 01010000B
DI
: IMF¨0
SET
(SYSCR1) . 7
: Enters the STOP mode.
SINT5:
RETI
Example :Entering the STOP mode from the NORMAL mode
DI
: IMF¨0
LD
(SYSCR1) , 10010000B
: Sets the edge-sensitive exit mode to enter the STOP mode
STOP pin
XOUT pin
NORMAL mode
Exit the STOP mode by hardware.
NORMAL mode
VIH
Warm-up
STOP mode
Detect the low level of the
STOP pin input by programming
and enter the STOP mode.
Whenever the STOP pin input is set
to high, the STOP mode is exited.
STOP pin
XOUT pin
NORMAL mode
VIH
Warm-up
STOP mode
STOP mode
Enter the STOP
mode by
programming.
Exit the STOP mode by hardware
at the rising edge of the STOP pin input.
NORMAL
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com