Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 202 page
background image
Page 58
5. I/O Ports
TMP86CS64AFG
5.3 Port P2 (P22 to P20)
Port P2 is a 3-bit input/output port. During reset, the P2DR is initialized to “1”.
It is also used as INT5/STOP1. When used as secondary function pin or an input pin, the output latch should be set
to “1”.
In the dual-clock mode, the low-frequency oscillator (32.768 kHz) is connected to P21 (XTIN) and P22 (XTOUT)
pins.
P2 port output latch (P2DR) and P2 port terminal input (P2R) are located on their respective address.
When a read instruction is executed for port P2, read data of bits 7 to 3 are unstable.
Note: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1, XTEN: bit 6 in SYSCR2
Figure 5-4 Port P2
Note 1: Port P20 is used as STOP1 pin. Therefore, when stop mode is started, however SYSCR1<OUTEN> is set to “1”, port P20
becomes High-Z (input mode).
Note 2: Each terminal has a protect diode. Please refer to section “Input/Output Circuitry; (2) Input/Output ports”.
P2DR
(0002H)
76
543
21
0
P22
XTOUT
P21
XTIN
P20
INT5
STOP1
(Initial value: **** *111)
P2R
(002CH)
76
543
21
0
P22IN
P21IN
P20IN
(Initial value: **** ****)
Read only
Output latch
Output latch
Output latch
Data input (P20IN)
Data input (P20)
Data output
Control input
Data input (P21IN)
Data input (P21)
Data output
Data input (P22IN)
Data input (P22)
Data output
STOP
OUTEN
XTEN
fs
Osc.enable
D
Q
P20
D
Q
P21
D
Q
P22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com