Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 202 page
background image
Page 65
TMP86CS64AFG
5.8 Port P7 (P77 to P70)
Port P7 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Port P7 is also used as an analog input and Key on Wake up input. Input/output mode is specified by the cor-
responding bit in the port P7 input/output control register (P7CR), P7 output latch (P7DR) and ADCCR1<AINDS>.
During reset, P7CR and P7DR are initialized to “0” and ADCCR1<AINDS> is set to “1”. At the same time, the input
data of P77 to P70 are fixed to “0” level. When port P7 is used as input port, the corresponding bit in P7CR and
P7DR should be set to input mode (P7CR = “0”, P7DR = “1”). When used as output port, the corresponding bit in
P7CR should be set to “1”. When used as analog input port, the corresponding bit in P7CR and P7DR should be set
to analog input mode (P7CR = “0”, P7DR = “0”) and ADCCR1<AINDS> is set to “0”, then the AD conversion is
started. Setting P7DR to “0” is necessary to prevent generating the penetration electric current. So the output latch of
the port used as analog input should be set to “0” beforehand. Actually selection of the conversion input channels is
specified by ADCCR1<SAIN>.
Pins used for analog input can be used as I/O port. During AD conversion, output instructions should not be exe-
cuted to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog input dur-
ing AD conversion.
When the AD converter is in use (P7DR = “0”), bits mentioned above are read as “0” by executing input instruc-
tions.
Note 1: i = 7 to 0, j = 5 to 2
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Note 3: SAIN: bit 0 to 3 in ADCCRA
Note 4: SOTPjEN: bit 4 to 7 in STOPCR
Figure 5-9 Port P7
Analog input
AINDS
SAIN
STOP
OUTEN
Data input
Data output
P7CRi
STOPjEN
P7i
D
Q
Key on Wake up
Pull-up resistor
(Typ. 80 k
Ω)
P7PUi
VDD
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com