Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 202 page
background image
Page 25
TMP86CS64AFG
The STOP mode is exited in the edge-sensitive exit mode by the following sequence.
1. Oscillations start. In the dual-clock mode, both high-frequency and low-frequency oscilla-
tors start to return to the NORMAL2 mode, and only the low-frequency oscillator starts to
return to the SLOW mode. In the single-clock mode, only the high-frequency oscillator
starts.
2. The warm-up period time is inserted to allow sufficient time for the oscillator to stabilize.
During warm-up, internal operations remain halted. 4 types of warming-up period time can
be selected in SYSCR1<WUT> depending on the characteristics of the oscillator.
3. After the warm-up period time, program execution resumes with the instruction immedi-
ately following the instruction that activated the STOP mode.
Note 1: When the STOP mode is exited, the prescalar and divider of the timing generator are cleared to
0.
Note 2: The STOP mode is exited by setting the RESET pin to low, that immediately performs the normal
reset operation.
Note 3: To exit the STOP mode with a low hold voltage, the following cautions must be observed.
The power supply voltage must be at the operating voltage level before exiting the STOP mode.
The RESET pin must also be high, rising together with the power supply voltage. In this case, if
an external time constant circuit is connected, the RESET pin input voltage increases at a slower
pace than the power supply voltage. At this time, there is a danger that a reset may occur if the
input voltage level of the RESET pin drops below the non-inverting high-level input voltage (hys-
teresis input).
Note 1: Since the warm-up period time is obtained by dividing the basic clock by the divider, any fre-
quency fluctuations will lead to small warm-up period time error. The warm-up period time
should be considered as an approximate value.
Table 2-5 Warm-up Time (fc = 16.0 MHz, fs = 32.768 kHz)
WUT
Warm-up time [ms]
Return to the NORMAL mode
Return to the SLOW mode
DV1CK=0
DV1CK=1
00
01
10
11
12.288
4.096
3.072
1.024
24.576
8.192
6.144
2.048
750
250
5.85
1.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com