Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 39Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 40Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 202 page
background image
Page 27
TMP86CS64AFG
2.2.4.2 IDLE1/2 and SLEEP1/2 Modes
The IDLE1/2 and SLEEP1/2 modes controlled by the system control register 2 (SYSCR2) and
maskable interrupts. The following status is held during the IDLE1/2 or SLEEP1/2 mode.
1. The CPU and watchdog timer are halted. On-chip peripherals continue operation.
2. The data memory, registers, program status words, port output latches hold the status that acti-
vated the IDLE1/2 or SLEEP1/2 mode.
3. The program counter holds the address of the instruction after next to the instruction to activate
IDLE1/2 or SLEEP1/2 mode.
Figure 2-10 IDLE1/2 and SLEEP1/2 Modes
CPU and WDT halted
Interrupt processing
Reset
Yes
No
No
No
No
IMF = "1"
Reset input
Yes
Yes
(Interrupt service routine)
(Normal execution)
Interrupt request
Entering the IDLE1/2 or
SLEEP1/2 mode
(Instruction)
Execution of the instruction
immediately following the
instruction that activated the
IDLE1/2 or SLEEP1/2 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com