Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 202 page
background image
Page 11
TMP86CS64AFG
2. Operational Descriptions
2.1 CPU Core Function
The CPU core consists of a CPU, a system clock controller and an interrupt controller.
This chapter provides descriptions of the CPU core, the program memory, the data memory and the reset circuit.
2.1.1 Memory Address Map
TMP86CS64AFG memory consists of RAM and Special Function Register (SFR), which are mapped to a
64 Kbyte address space.
The TMP86CS64AFG memory consists of MaskROM, RAM, Special Function Register (SFR) and Data
Buffer Resister (DBR), which are mapped to a 64 kbyte address space.
Figure 2-1 shows the TMP86CS64AFG memory address map.
Figure 2-1 Memory Address Map
SFR
0000H
64 bytes
SFR:
RAM:
Special function register
I/O port
Peripheral hardware control register
Peripheral hardware status register
System control register
Program status word
Random access memory
Data memory
Stack
003FH
RAM
0040H
2048
bytes
083FH
DBR
0F80H
128
bytes
DBR:
Data buffer register
Peripheral hardware control register
Peripheral hardware status register
0FFFH
1000H
MaskROM:
Program memory
MaskROM
61440
bytes
FFC0H
Vector table for vector call instructions
(32 bytes)
FFDFH
FFE0H
Instruction vector table
(32 bytes)
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com