Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 202 page
background image
Page 56
5. I/O Ports
TMP86CS64AFG
5.1 Port P0 (P07 to P00)
Port P0 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Input/output mode is specified by the corresponding bit in the port P0 input/output control register (P0CR).
During reset, the P0CR is initialized to “0”, which configures port P0 as an input. The P0 output latches are also ini-
tialized to “0”.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Figure 5-2 Port P0
Note: When used as an input mode, read-modify-write instructions such as bit manipulate instructions cannot be used. Read-
modify-write instruction writes the all data of 8-bit after read and modified. Because a bit setting input mode reads data of
terminal, the output latch is changed by these instructions.
P0DR
(0000H)
76
543
21
0
P07
P06
P05
P04
P03
P02
P01
P00
(Initial value: 0000 0000)
P0CR
(0008H)
76
543
21
0
P0CR7
P0CR6
P0CR5
P0CR4
P0CR3
P0CR2
P0CR1
P0CR0
(Initial value: 0000 0000)
P0CR
I/O control for port P0
(specified for each bit)
0: Input mode
1: Output mode
R/W
Output latch
STOP
OUTEN
Data input
Data output
P0CRi
P0i
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com