Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 50Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 51Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 52Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 202 page
background image
Page 39
TMP86CS64AFG
3. Interrupt Control Circuit
The TMP86CS64AFG has a total of 21 interrupt sources excluding reset, of which 5 source levels are multiplexed.
Interrupts can be nested with priorities. Four of the internal interrupt sources are non-maskable while the rest are
maskable.
Interrupt sources are provided with interrupt latches (IL), which hold interrupt requests, and independent vectors.
The interrupt latch is set to “1” by the generation of its interrupt request which requests the CPU to accept its inter-
rupts. Interrupts are enabled or disabled by software using the interrupt master enable flag (IMF) and interrupt enable
flag (EF). If more than one interrupts are generated simultaneously, interrupts are accepted in order which is domi-
nated by hardware. However, there are no prioritized interrupt factors among non-maskable interrupts.
Note 1: The INTSEL register is used to select the interrupt source to be enabled for each multiplexed source level (see 3.3 Inter-
rupt Source Selector (INTSEL)).
Note 2: To use the address trap interrupt (INTATRAP), clear WDTCR1<ATOUT> to “0” (It is set for the “reset request” after reset is
cancelled). For details, see “Address Trap”.
Note 3: To use the watchdog timer interrupt (INTWDT), clear WDTCR1<WDTOUT> to "0" (It is set for the "Reset request" after
reset is released). For details, see "Watchdog Timer".
3.1 Interrupt latches (IL15 to IL2)
An interrupt latch is provided for each interrupt source, except for a software interrupt and an executed the unde-
fined instruction interrupt. When interrupt request is generated, the latch is set to “1”, and the CPU is requested to
accept the interrupt if its interrupt is enabled. The interrupt latch is cleared to "0" immediately after accepting inter-
rupt. All interrupt latches are initialized to “0” during reset.
Interrupt Factors
Enable Condition
Interrupt
Latch
Vector
Address
Priority
Internal/External
(Reset)
Non-maskable
FFFE
1
Internal
INTSWI (Software interrupt)
Non-maskable
FFFC
2
Internal
INTUNDEF (Executed the undefined instruction
interrupt)
Non-maskable
FFFC
2
Internal
INTATRAP (Address trap interrupt)
Non-maskable
IL2
FFFA
2
Internal
INTWDT (Watchdog timer interrupt)
Non-maskable
IL3
FFF8
2
External
INT0
IMF• EF4 = 1, INT0EN = 1
IL4
FFF6
5
External
INT1
IMF• EF5 = 1
IL5
FFF4
6
Internal
INTTC4
IMF• EF6 = 1
IL6
FFF2
7
Internal
INTTC5
IMF• EF7 = 1
IL7
FFF0
8
Internal
INTTBT
IMF• EF8 = 1, IL8ER = 0
IL8
FFEE
9
External
INT2
IMF• EF8 = 1, IL8ER = 1
Internal
INTTC1
IMF• EF9 = 1, IL9ER = 0
IL9
FFEC
10
External
INT3
IMF• EF9 = 1, IL9ER = 1
Internal
INTTC3
IMF• EF10 = 1
IL10
FFEA
11
Internal
INTTC6
IMF• EF11 = 1
IL11
FFE8
12
Internal
INTTC2
IMF• EF12 = 1
IL12
FFE6
13
Internal
INTSIO1
IMF• EF13 = 1, IL13ER = 0
IL13
FFE4
14
External
INT4
IMF• EF13 = 1, IL13ER = 1
Internal
INTTRX
IMF• EF14 = 1, IL14ER = 0
IL14
FFE2
15
External
INT5
IMF• EF14 = 1, IL14ER = 1
Internal
INTADC
IMF• EF15 = 1, IL15ER = 0
IL15
FFE0
16
Internal
INTSIO2
IMF• EF15 = 1, IL15ER = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com