Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 73 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 73 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 77Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 202 page
background image
Page 63
TMP86CS64AFG
5.7 Port P6 (P67to P60)
Port P6 is an 8-bit input/output port, which can be configured individually as an input or an output under software
control. Port P6 is also used as an analog input. Input/output mode is specified by the corresponding bit in the port P6
input/output control register (P6CR), P6 output latch (P6DR) and ADCCR1<AINDS>. During reset, P6CR and
P6DR are initialized to “0” and ADCCR1<AINDS> is set to “1”. At the same time, the input data of P67 to P60 are
fixed to “0” level. When port P6 is used as input port, the corresponding bit in P6CR and P6DR should be set to input
mode (P6CR = “0”, P6DR = “1”). When used as output port, the corresponding bit in P6CR should be set to “1”.
When used as analog input port, the corresponding bit in P6CR and P6DR should be set to analog input mode (P6CR
= “0”, P6DR = “0”) and ADCCR1<AINDS> is set to “0”, then the AD conversion is started. Setting P6DR to “0” is
necessary to prevent generating the penetration electric current. So the output latch of the port used as analog input
should be set to “0” beforehand. Actually selection of the conversion input channels is specified by
ADCCR1<SAIN>.
Pins used for analog input can be used as I/O port. During AD conversion, output instructions should not be exe-
cuted to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog input dur-
ing AD conversion.
When the AD converter is in use (P6DR = “0”), bits mentioned above are read as “0” by executing input instruc-
tions.
Note 1: i = 7 to 0
Note 2: STOP: bit 7 in SYSCR1, OUTEN: bit 4 in SYSCR1
Note 3: SAIN: AD input channel select signal
Figure 5-8 Port P6
Analog input
Pull-up resistor
(Typ. 80 k
Ω)
AINDS
SAIN
STOP
OUTEN
Data input
Data output
P6CRi
P6i
P6PUi
D
Q
VDD
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com