Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 43Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 44Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 50Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 202 page
background image
Page 37
TMP86CS64AFG
Figure 2-15 Reset Circuit
2.3.2 Address-Trap-Reset
If the CPU runs away due to spurious noises and attempts to fetch an instruction form the on-chip RAM
(WDTCR1<ATA> = 1) or the SFR area, an address-trap-reset is generated. The reset time is a maximum of 24/
fc [s] (1.5
µs @16.0 MHz).
If the CPU runs away due to spurious noises and attempts to fetch an instruction from the on-chip RAM
(WDTCR1<ATAS> = 1), the DBR or the SFR area, an address-trap-reset is generated. The reset time is a max-
imum of 24/fc [s] (1.5
µs @16.0 MHz).
Note:Either a reset or an interrupt can be selected for an address-trap. An address-trap area can be specified.
Note 1: "a" is the address in on-chip RAM (WDTCR1<ATAS>=1), SFR or DBR area.
Note 2: During the reset release process, the reset vector "r" is read out, and an instruction at the address "r" is fetched and
decoded.
Figure 2-16 Address Trap Reset
2.3.3 Watchdog Timer Reset
Refer to "Watchdog Timer".
2.3.4 System Clock Reset
Either one of the following conditions is met, a system clock reset is generated automatically to prevent the
CPU to be in the deadlock condition. (Oscillation is continued.)
• SYSCR2<XEN> and SYSCR2<XTEN> are cleared to 0.
• SYSCR2<XEN> is cleared to 0 when SYSCR2<SYSCK> = 0.
• SYSCR2<XTEN> is cleared to 0 when SYSCR2<SYSCK> = 1.
The reset time is a maximum of 24/fc [s] (1.5
µs @160.0 MHz).
Reset input
VDD
RESET
Internal factor reset
output circuit
Watchdog timer
Address trap detection
System clock detection
Instruction
execution
Internal reset signal
An address-trap is generated
JP
a
4/fc to 12/fc [s]
max 24/fc [s]
16/fc [s]
Reset released
Instruction at r
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com