Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 202 page
background image
Page 16
2. Operational Descriptions
2.2 System Clock Controller
TMP86CS64AFG
Note 3: 0 must be written to the bit 7, 6, 4 through 0 of CGCR.
Note 1: Do not set DV7CK to 1 in the single-clock mode.
Note 2: Do not set DV7CK to 1 until the low-frequency clock oscillation is stabilized.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don't care
Note 4: In the SLOW 1/2 or SLEEP1/2 mode, fs is input to the 7th stage of the divider regardless of DV7CK setting.
Note 5: When the STOP mode is entered from the NORMAL1/2 mode, the output of the 6th stage of the divider is input to the 7th
stage of the divider during warm up after exiting from the STOP mode regardless of DV7CK setting.
2.2.2.2 Machine Cycle
The instruction execution and peripheral hardware operation are synchronized with the system clock.
The minimum instruction execution unit is called a "machine cycle". There are 10 types of instructions for
TLCS-870/C Series, which are 1-cycle instructions to be executed within 1-cycle through 10-cycle
instructions to be executed within ten cycles.
A machine cycle consists of 4 states (S0 to S3), and each state consists of one main system clock.
Figure 2-5 Machine Cycle
2.2.3 Operating Modes
The operating mode controller starts and stops the oscillators for the high-frequency and low-frequency
clocks, and switches the main system clock. The device has the single-clock, dual-clock and STOP modes,
which can be controlled by the system control registers (SYSCR1 and SYSCR2). Figure 2-6 shows the operat-
ing mode transition.
Timing Generator Control Resister
TBTCR
(0036H)
7
654
321
0
(DVOE
N)
(DVOCK)
DV7CK
(TBTE
N)
(TBTCK)
(Initial value: 0000 0000)
DV7CK
Selection of the input clock
to the 7th stage of the divider
0: fc/28[Hz]
1: fs
R/W
Main system
clock
State
S0
S1
S2
S3
S0
S1
S2
S3
Machine cycle
1/fc or 1/fs [s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com