Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 46 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 46 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 42Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 43Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 44Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 50Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 202 page
background image
Page 36
2. Operational Descriptions
2.3 Reset Circuit
TMP86CS64AFG
2.3 Reset Circuit
TMP86CS64AFG has four types of reset, that are an external reset, address trap reset, watchdog timer reset and
system clock reset.
An address trap reset, watchdog timer reset and system clock reset are internal factor resets. When detecting these
reset requests, TMP86CS64AFG is in the reset state during a maximum of 24/fc [s].
(During a flash reset, the RESET pin is held high.)
Since the internal factor reset circuits that are watchdog timer reset, address trap reset and system clock reset are
not initialized upon power-up, a maximum reset time may become 24/fc [s] (1.5
µs @ 16.0 MHz).
Table 2-6 shows the on-chip hardware initialization by reset operation.
2.3.1 External Reset Input
The RESET pin is the hysteresis input with pull-up resistance. When the RESET pin is held low for a mini-
mum of 3 machine cycles (12/fc [s]) with the power supply voltage within the operating voltage range and sta-
ble oscillation, a reset is triggered and internal state is initialized.
When the RESET pin input goes high, the reset operation is released , and program execution starts at the
vector address stored at addresses FFFE to FFFH.
Table 2-6 On-Chip Hardware Initialization by Reset Operation
On-Chip Hardware
Initial Value
On-Chip Hardware
Initial Value
Program counter (PC)
(FFFEH)
Prescaler and divider of the timing generator
0
Stack pointer (SP)
Not initialized
General-purpose register
(W, A, B, C, D, E, H, L, IX, IY)
Not initialized
Jump status flag (JF)
Not initialized
Watchdog timer
Enabled
Zero flag (ZF)
Not initialized
Output latch of I/O port
Refer to description of
each I/O port
Carry flag (CF)
Not initialized
Half carry flag (HF)
Not initialized
Sign flag (SF)
Not initialized
Overflow flag (VF)
Not initialized
Interrupt master enable flag (IMF)
0
Interrupt individual enable flag (EF)
0
Control register
Refer to description of
each register
Interrupt latch (IL)
0
RAM
Not initialized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com