Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 202 page
background image
Page 13
TMP86CS64AFG
2.2 System Clock Controller
The system clock controller consists of a clock generator, a timing generator and a operating mode controller.
Figure 2-2 System Clock Controller
2.2.1 Clock Generator
The clock generator generates the basic clock which provides the system clocks to be supplied to the CPU
core and peripheral hardware. The clock generator contains two oscillators used for the high- and low-fre-
quency clocks. Power consumption can be reduced by the low-speed operation with the low-frequency clock,
which is switched by the operating mode controller.
The high-frequency clock (fc) or low-frequency clock (fs) can be obtained easily by connecting a resonator
between the XIN and XOUT pins, or XTIN and XTOUT pins, respectively. The clock can be supplied from an
external oscillator. In this case, supply the clock via the XIN or XTIN pin, and leave the XOUT or XTOUT
pins unconnected.
Figure 2-3 Example Resonator Connection
Note:The hardware feature does not provide the function to monitor externally the basic clock directly. However,
with disabling all interrupts and watchdog timers, the oscillation frequency can be adjusted by programming to
output a fixed-frequency pulse (i.e., clock output) to a port and monitoring the pulse. For the system to require
the adjustment of the oscillation frequency, the adjustment program must be created beforehand.
Timing generator
Operating mode controller
High-frequency
clock oscillator
TBTCR
SYSCR2
SYSCR1
XIN
XOUT
XTIN
XTOUT
Clock
generator
fc
0036H
0038H
0039H
fs
System clock
Timing generator
control register
CGCR
0030H
Divider control
register
System control register
Oscillate/Stop control
Low-frequency
clock oscillator
XIN
High-frequency clock
XOUT
(a) Crystal or ceramic
resonator
XIN
XOUT
(b) External oscillator
(Unconnected)
XTIN
Low-frequency clock
XTOUT
(c) Crystal resonator
XTIN
XTOUT
(d) External oscillator
(Unconnected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com