Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 73Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 74Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 75Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 76Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 77Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 202 page
background image
Page 64
5. I/O Ports
TMP86CS64AFG
Note 1: Don't set output mode to pin, which is used for an analog input.
Note 2: When used for input mode (include analog input mode), read-modify-write instruction such as bit manipulate
instructions cannot be used.
Read-modify-write instruction writes the all data of 8-bit after data is read and modified. Because a bit setting input
mode read data of terminal, the output latch is changed by these instructions. So P6 port cannot input data.
Note: However the P6PU is set to “1” (pull-up), the port configured output is not set up pull-up resistor.
P6DR
(0006H)
76
543
21
0
P67
AIN7
P66
AIN6
P65
AIN5
P64
AIN4
P63
AIN3
P62
AIN2
P61
AIN1
P60
AIN0
(Initial value: 0000 0000)
P6CR
(002EH)
76
543
21
0
P6CR7
P6CR6
P6CR5
P6CR4
P6CR3
P6CR2
P6CR1
P6CR0
(Initial value: 0000 0000)
P6CR
I/O control for port P6
(specified for each bit)
AINDS = 1 (AD unused)
AINDS = 0 (AD used)
R/W
P6DR = “0”
P6DR = “1”
P6DR = “0”
P6DR = “1”
0
Input "0" fixed #1
Input mode
AD input #2
Input mode
1
Output mode
#1
Input data to a pin whose input is fixed to “0” is always “0” regardless of the pin state and whether or not a
programmable pull-up resistor is added.
#2
When a read instruction for port P6 is executed, the bit of analog input mode becomes read data “0”.
P6PU
(0FBCH)
7
6
5
432
10
P6PU7
P6PU6
P6PU5
P6PU4
P6PU3
P6PU2
P6PU1
P6PU0
(Initial value: 0000 0000)
P6PU
Port P6 pull up control register
(specified for each bit)
0: Non pull-up
1: Pull-up
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com