Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 31 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 31 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 35Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 202 page
background image
Page 21
TMP86CS64AFG
2.2.4 Operating Mode Control
Note 1: To transit from the NOMAL mode to the STOP mode, set RETM to 0. To transit from the STOP mode to the NOMAL mode,
set RETM to 1.
Note 2: When exiting the STOP mode with the RESET pin input, the CPU returns to the NORMAL1 mode regardless of the RETM
value.
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don't care
Note 4: Bit 1 and 0 in SYSCR1 are read as don't cares.
Note 5: When entering the STOP mode with OUTEN = 0, input value is fixed to 0. That may cause an external interrupt request to
be set on falling edge.
Note 6: To use the Key on wake-up is used, set RELM to 1.
Note 7: The P20 pin is shared with the STOP pin. When the STOP mode is entered, output assumes the high-impedance state
regardless of the OUTEN state.
Note 8: Select the warm-up period time depending on the feature of the resonator to be used.
System Control Register 1
7
6543210
SYSCR1
(0038H)
STOP
RELM
RETM
OUTEN
WUT
"0"
(Initial value: 0000 00**)
STOP
STOP mode enter
0: CPU core and peripherals operate
1: CPU core and peripherals halt (Enter STOP mode)
R/W
RELM
STOP mode exit method
0: Edge-sensitive (Exit at the rising edge of STOP pin)
1: Level-sensitive (Exit at the high level of STOP pin)
R/W
RETM
Operating mode after STOP
mode
0: Return to NORMAL 1/2 mode
1: Return to SLOW1 mode
R/W
OUTEN
Port output during STOP
mode
0: High impedance
1: Output retained
R/W
WUT
Warm-up time on exiting
STOP mode [ns]
Return to NORMAL 1/2 mode
Return to SLOW1
mode
R/W
DV1CK=0
DV1CK=1
00
01
10
11
3 × 216/fc
216/fc
3 × 214/fc
214/fc
3 × 217/fc
217/fc
3 × 215/fc
215/fc
3 × 213/fs
213/fs
3 × 26/fs
26/fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com