Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 29 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 29 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 33Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 202 page
background image
Page 19
TMP86CS64AFG
2.2.3.3 STOP Mode
In the STOP mode, all system operations including oscillators are halted, and the internal conditions
immediately before the halt are retained with low-power dissipation.
The STOP mode is entered by setting the system control register 1, and exited with the STOP pin input.
After the warm-up period time has expired, the CPU returns to the mode it was before entering the STOP
mode, and program execution resumes with the instruction immediately following the instruction that
activated the STOP mode.
2.2.3.4 Operation Mode Transition
Note 1: NORMAL1 and NORMAL2 modes are generically called NORMAL mode: SLOW1 and SLOW2 are called SLOW mode:
IDLE0 and IDLE1 and IDLE2 are called IDLE mode: SLEEP0, SLEEP1 and SLEEP2 are called SLEEP mode.
Note 2: This mode is exited at the falling edge of the source clock selected in TBTCR<TBTCK>.
Figure 2-6 Operating Mode Transition
IDLE0
mode
RESET
NORMAL1
mode
STOP
NORMAL2
mode
SLOW2
mode
SLOW1
mode
IDLE1
mode
IDLE2
mode
SLEEP2
mode
SLEEP1
mode
SLEEP0
mode
(a) Single-clock mode
(b) Dual-clock mode
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
SYSCR2<IDLE> = "1"
SYSCR2<IDLE> = "1"
SYSCR1<STOP> = "1"
Interrupt
STOP pin input
Interrupt
STOP pin input
Interrupt
Interrupt
STOP pin input
(Note 2)
(Note 2)
SYSCR2<TGHALT> = "1"
SYSCR2<XTEN> = "0"
SYSCR2<XTEN> = "1"
SYSCR2<SYSCK> = "0"
SYSCR2<SYSCK> = "1"
SYSCR2<XEN> = "1"
SYSCR2<XEN> = "0"
SYSCR2<TGHALT> = "1"
Reset released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com