Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 28 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 28 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 27Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 32Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 202 page
background image
Page 18
2. Operational Descriptions
2.2 System Clock Controller
TMP86CS64AFG
(2) SLOW2 Mode
The CPU core operates with low-frequency clock. Switching from NORMAL2 to SLOW2, and
vise-versa is programmed in SYSCR2<SYSCK>. Do not clear XTEN to 0 in the SLOW2 mode.
(3) SLOW1 Mode
Power dissipation can be reduced by stopping high-frequency clock oscillation, and operating the
CPU core and on-chip peripherals with low-frequency clock.
Switching from SLOW1 to SLOW2, and vise-versa is programmed in SYSCR2<XEN>. In the
SLOW1 and SLEEP1 modes, output from the 1st to 6th stages is stopped.
(4) IDLE2 Mode
The CPU and watchdog timer are halted, and on-chip peripherals are operated with the high- and
low-frequency clocks. Entering and exiting the IDLE2 mode is the same as for the IDLE1 mode.
After exiting the IDLE2 mode, the CPU returns to the NORMAL2 mode.
(5) SLEEP1 Mode
The CPU and watchdog timer are halted, and on-chip peripherals are operated with the low-fre-
quency clock. Entering and exiting the SLEEP1 mode is the same as for the IDLE1 mode. After exit-
ing the SLEEP1 mode, th CPU returns to the SLOW1 mode. High-frequency clock oscillation is
stopped. In the SLOW1 and SLEEP1 modes, output from the 1st to 6th stages is stopped.
(6) SLEEP2 Mode
The SLEEP2 mode is the idle mode corresponding to the SLOW2 mode. The SLEEP2 mode is the
same as the SLOW2 mode except that high-frequency clock is activated.
(7) SLEEP0 Mode
The CPU and on-chip peripherals are halted except oscillator and TBT. The SLEEP0 mode is
entered by setting the system control register SYSCR2<TGHALT> to 1 in the SLOW1 mode. When
the SLEEP0 mode is entered, the CPU is halted and the timing generator stops clocking to the
peripherals except TBT. When detecting the falling edge of the source clock set in
TBTCR<TBTCK>, the timing generator starts the clocking operation to all on-chip peripherals.
When the SLEEP0 mode is exited, the CPU restarts operation and returns to the SLOW1 mode. the
CPU enters to the SLEEP0 mode and returns to the SLOW1 mode regardless of setting in
TBTCR<TBTEN>. Interrupt processing is performed when IMF = 1, EF8 (TBT interrupt enable
flag) = 1, and TBTCR<TBTEN> = 1.
When the SLEEP0 mode is entered with TBTCR<TBTEN> = 1, INTTBT interrupt latch is set
after returning to the SLOW1 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com