Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 127 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 127 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 123Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 124Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 125Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 126Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 127Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 131Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 202 page
background image
Page 117
TMP86CS64AFG
11.3.4 Pulse Width Modulation (PWM) Output Mode
The pulse width modulation (PWM) output mode is used to generate the PWM pulse with up to 8 bits of res-
olution by an internal clock.
When a match between the up-counter and the TC4DR value is detected, the logic level output from the
PWM
4 pin becomes low. The up-counter continues counting. When the up-counter overflow occurs, the PWM4
pin becomes high. The INTTC4 interrupt request is generated at this time.
When the timer is stopped, the PWM4 pin is high. Therefore, if the timer is stopped when the PWM4 pin is
low, one PMW cycle may be shorter than the programmed value.
TC4DR is serially connected to the shift register. If TC4DR is programmed during PWM output, the data set
to TC4DR is not shifted until one PWM cycle is completed. Therefore, a pulse can be modulated periodically.
For the first time, the data written to TC4DR is shifted when the timer is started by setting TC4CR<TC4S> to
1.
Note 1: The PWM output mode can be used only in the NORMAL1/2 and IDEL 1/2 modes.
Note 2: In the PWM output mode, program TC4DR immediately after the INTTC4 interrupt request is generated
(typically in the INTTC4 interrupt service routine.) When the programming of TC4DR and the INTTC4 inter-
rupt occur at the same time, an unstable value is shifted, that may result in generation of pulse different
from the programmed value until the next INTTC4 interrupt request is issued.
Figure 11-3 PWM output Mode Timing Chart (TC4)
Internal clock
Shift register
Counter
n
0
?
?
1
n + 1
FF
0
1
n
n + 1
FF
01
m
PWM cycle
Match detect
mp
n
n
m
Data shift
Rewrite
Data shift
Match detect
Match detect
Data shift
n
n
m
Rewrite
Rewrite
PWM4 pin
INTTC4
interrupt request
Timer F/F
TC4DR
TC4CR<TC4S>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com