Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 132 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 132 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 128Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 129Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 130Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 131Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 132Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 133Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 134Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 135Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 136Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 202 page
background image
Page 122
12. 8-Bit TimerCounter 5 (TC5)
12.1 Configuration
TMP86CS64AFG
12.3 Function
TimerCounter 5 has four types of operating modes: timer, event counter, programmable divider output (PDO), and
pulse width modulation (PWM) output modes.
12.3.1 Timer Mode
In the timer mode, the up-counter counts up using the internal clock. When a match between the up-counter
and the TC5DR value is detected, an INTTC5 interrupt is generated and the up-counter is cleared. After being
cleared, the up-counter restarts counting.
Table 12-1 Source Clock for TimerCounter 5 (Example: fc
= 16 MHz, fs = 32.768 kHz)
TC5CK
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2
Mode
DV7CK
= 0DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
Resolution
[
µs]
Maxi-
mum
Time
Setting
[ms]
Resolution
[
µs]
Maxi-
mum
Time
Setting
[ms]
Resolution
[
µs]
Maxi-
mum
Time
Setting
[ms]
Resolution
[
µs]
Maxi-
mum
Time
Setting
[ms]
Resolution
[
µs]
Maxi-
mum
Time
Setting
[ms]
000
128.0
32.6
256.0
65.3
244.14
62.2
244.14
62.2
244.14
62.2
001
8.0
2.0
16.0
4.1
8.0
2.0
16.0
4.1
–
–
010
2.0
0.510
4.0
1.0
2.0
0.510
4.0
1.0
–
–
011
0.5
0.128
1.0
0.255
0.5
0.128
1.0
0.255
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com