Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 153 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 153 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 149Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 150Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 151Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 152Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 153Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 157Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 202 page
background image
Page 143
TMP86CS64AFG
Figure 14-8 Generation of Overrun Error
Note:Receive operations are disabled until the overrun error flag UARTSR<OERR> is cleared.
14.10.4Receive Data Buffer Full
Loading the received data in RDBUF sets receive data buffer full flag UARTSR<RBFL> to "1". The
UARTSR<RBFL> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Figure 14-9 Generation of Receive Data Buffer Full
Note:If the overrun error flag UARTSR<OERR> is set during the period between reading the UARTSR and reading
the RDBUF, it cannot be cleared by only reading the RDBUF. Therefore, after reading the RDBUF, read the
UARTSR again to check whether or not the overrun error flag which should have been cleared still remains
set.
14.10.5Transmit Data Buffer Empty
When no data is in the transmit buffer TDBUF, UARTSR<TBEP> is set to “1”, that is, when data in TDBUF
are transferred to the transmit shift register and data transmit starts, transmit data buffer empty flag
UARTSR<TBEP> is set to “1”. The UARTSR<TBEP> is cleared to “0” when the TDBUF is written after
reading the UARTSR.
Final bit
Stop
Shift register
xxxx0*
1xxxx0
yyyy
xxx0**
RXD1 pin
UARTSR<OERR>
INTTRX interrupt
After reading UARTSR then
RDBUF clears OERR.
RDBUF
UARTSR<RBFL>
Final bit
Stop
Shift register
xxxx0*
1xxxx0
xxxx
yyyy
xxx0**
RXD1 pin
UARTSR<RBFL>
INTTRX interrupt
RDBUF
After reading UARTSR then
RDBUF clears RBFL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com