Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 154Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 155Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 156Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 157Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 158Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 159Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 160Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 161Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 202 page
background image
Page 148
15. Synchronous Serial Interface (SIO1)
15.3 Serial clock
TMP86CS64AFG
15.3.1.1 Internal clock
Any of six frequencies can be selected. The serial clock is output to the outside on the SCK1 pin. The
SCK1 pin goes high when transfer starts.
When data writing (in the transmit mode) or reading (in the receive mode or the transmit/receive mode)
cannot keep up with the serial clock rate, there is a wait function that automatically stops the serial clock
and holds the next shift operation until the read/write processing is completed.
Note: 1 Kbit = 1024 bit (fc = 16 MHz, fs = 32.768 kHz)
Figure 15-3 Automatic Wait Function (at 4-bit transmit mode)
15.3.1.2 External clock
An external clock connected to the SCK1 pin is used as the serial clock. In this case, output latch of this
port should be set to "1". To ensure shifting, a pulse width of at least 4 machine cycles is required. This
pulse is needed for the shift operation to execute certainly. Actually, there is necessary processing time for
interrupting, writing, and reading. The minimum pulse is determined by setting the mode and the pro-
gram. Therfore, maximum transfer frequency will be 488.3K bit/sec (at fc=16MHz).
Table 15-1 Serial Clock Rate
NORMAL1/2, IDLE1/2 mode
SLOW1/2,
SLEEP1/2 mode
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
SCK
Clock
Baud Rate
Clock
Baud Rate
Clock
Baud Rate
Clock
Baud Rate
Clock
Baud Rate
000
fc/213
1.91
Kbps
fc/214
0.95
Kbps
fs/25
1024
bps
fs/25
1024
bps
fs/25
1024
bps
001
fc/28
61.04
Kbps
fc/29
30.52
Kbps
fc/28
61.04
Kbps
fc/29
30.52
Kbps
--
010
fc/27
122.07
Kbps
fc/28
61.04
Kbps
fc/27
122.07
Kbps
fc/28
61.04
Kbps
--
011
fc/26
244.14
Kbps
fc/27
122.07
Kbps
fc/26
244.14
Kbps
fc/27
122.07
Kbps
--
100
fc/25
488.28
Kbps
fc/26
244.14
Kbps
fc/25
488.28
Kbps
fc/26
244.14
Kbps
--
101
fc/24
976.56
Kbps
fc/25
488.28
Kbps
fc/24
976.56
Kbps
fc/25
488.28
Kbps
--
110
----
---
---
111
External
External
External
External
External
External
External
External
External
External
a1
a2
b0
b1
b2
b3
c0
c1
a3
a
c
b
a0
pin (output)
pin (output)
Written transmit
data
Automatically
wait function
SCK1
SO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com