Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS64AFG Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMP86CS64AFG
Description  8 Bit Microcontroller
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS64AFG Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMP86CS64AFG Datasheet HTML 191Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 192Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 193Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 194Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 195Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 196Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 197Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 198Page - Toshiba Semiconductor TMP86CS64AFG Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 202 page
background image
Page 185
TMP86CS64AFG
20.3 DC Characteristics
Note 1: Typical values show those at Topr = 25
°C, VDD = 5 V
Note 2: Input current (IIN1, IIN3); The current through pull-up or pull-down resistor is not included.
Note 3: IDD does not include IREF current.
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Typ.
Max
Unit
Hysteresis voltage
VHS
Hysteresis input
–
0.9
–
V
Input current
IIN1
TEST
VDD = 5.5 V, VIN = 5.5 V/0 V
––
±2
µA
IIN2
Sink open drain,
Tri-state port
IIN3
STOP
, RESET
Input resistance
RIN1
TEST
–70–
k
Ω
RIN2
RESET
100
220
450
RIN3
Programmable pull up
(P6, P7, PA, PB)
VDD = 5.5 V
40
80
200
OSC. feedback
resistance
Rfx
XIN-XOUT
–
1.2
–
M
Ω
Rfxt
XTIN-XTOUT
–
6
–
Output leakage
current
ILO1
Sink open drain port
VDD = 5.5 V, VOUT = 5.5 V
––2
µA
ILO2
Tri-state port
VDD = 5.5 V, VOUT = 5.5 V/0 V
––
±2
"H" output voltage
VOH
Tri-state port
VDD = 4.5 V, IOH = −0.7 mA
4.1
–
–
V
“L” output voltage
VOL3
Except XOUT, P5, P9
VDD = 4.5 V, IOL = 1.6 mA
––
0.4
“L” output current
IOL1
Except XOUT, P5, P9
VDD = 4.5 V, VOL = 0.4 V
–1.6
–
mA
IOL3
High current port (P5, P9)
VDD = 4.5 V, VOL = 1.0 V
–20–
Supply current in
Normal 1, 2 Mode
IDD
VDD = 5.5 V
VIN = 5.3 V/0.2 V
fc = 16 MHz
fs = 32.768 kHz
–78
Supply current in
IDLE 1, 2 Mode
–45
Supply current in
SLOW 1 Mode
VDD = 3.0 V
VIN = 2.8 V/0.2 V
fs = 32.768 kHz
–10
20
µA
Supply current in
SLEEP 0, 1 Mode
–6
12
Supply current in
STOP Mode
VDD = 5.5 V
VIN = 5.3 V/0.2 V
–0.5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com