Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 252 page
background image
Page 161
TMP86FS23UG
15. LCD Driver
The TMP86FS23UG has a driver and control circuit to directly drive the liquid crystal device (LCD). The pins to
be connected to LCD are as follows:
1. Segment output port
32 pins
(SEG31 to SEG0)
2. Common output port
4 pins
(COM3 to COM0)
In addition, VLC pin is provided for the LCD power supply.
The devices that can be directly driven is selectable from LCD of the following drive methods:
1. 1/4 Duty (1/3 Bias) LCD
Max 128 Segments (8 segments
× 16 digits)
2. 1/3 Duty (1/3 Bias) LCD
Max 96 Segments (8 segments
× 12 digits)
3. 1/3 Duty (1/2 Bias) LCD
Max 96 Segments (8 segments
× 12 digits)
4. 1/2 Duty (1/2 Bias) LCD
Max 64 Segments (8 segments
× 8 digits)
5. Static LCD
Max 32 Segments (8 segments
× 4 digits)
15.1 Configuration
Figure 15-1 LCD Driver
COM3
COM0
VLC
Duty
control
fc/217, fs/29
fc/214
fc/216, fs/28
Common driver
DBR
display data area
Display data select control
Timing
control
Display data buffer register
Blanking
control
Segment driver
fc/215
to
LCDCR
to
DUTY
SLF
EDSP
LRSE
Power Switch and
Bias, Bleeder
resistance
7
6
5
4
3
2
1
0
SEG0
SEG31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com