Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 177 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 177 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 181Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 252 page
background image
Page 165
TMP86FS23UG
15.2.3 LCD drive voltage
LCD driving voltage VLCD is given as potential difference VDD
− VLC between pins VDD and VLC.
Therefore, when the CPU voltage and LCD drive voltage are the same, VLC pin will be connected to VSS pin.
The LCD lights when the potential difference between segment output and common output is ±VLCD. Other-
wise it turns off.
During reset, the power switch of LCD driver is automatically turned off, shutting off the VLC voltage.
After reset, if the P*LCR register (*; Port No.) for each port is set to “1” with LCDCR<EDSP> = “0”, a
GND level is output from the pin which can be used as segment.
The power switch is turned on to supply VLC voltage to LCD driver by setting with LCDCR<EDSP> to “1”.
If the IDLE0, SLEEP0, or STOP mode is activated, LCDCR<EDSP> is automatically changed to “0” to
blank the display. To turn the display back on after releasing from the previous mode, set LCDCR<EDSP> to
“1” again.
Note:During reset, the LCD common outputs (COM3 to COM0) are fixed “0” level. However, the multiplex port
(input/output port or SEG output is selectable) becomes high impedance. Therefore, when the reset input is
long remarkably, ghost problem may appear in LCD display.
15.2.4 Adjusting the LCD panel drive capability
The LCD panel drive capability can be adjusted by programming LCDCR<LRSE>. When the period of
enabling of the low bleeder resistor is lengthened, the drive capability becomes higher while the power con-
sumption increases. Reversely, when the period of enabling of the low bleeder resistor is shortened, the drive
capability becomes lower while the power consumption decreases. If the drive capability is not enough, the
LCD display might present a ghost problem. So, implement the optimum drive capability for the LCD panel
used. The figure below shows the bleeder resistance timing and equivalent circuit for 1/4 duty and 1/3 bias.
Figure 15-3 Bleeder Resistance Selection with LCDCR<LRSE> (for 1/4 duty and 1/3 bias)
VDD
VM1
VM2
VLCD
Frame frequency
RLt
RLt
RLt
RLt
RLt
When LCDCR
<LRSE>
"10B"
RLt RHt RLt RHt RLt RHt RLt RHt RLt RHt
When LCDCR
<LRSE> =
"00B" or "01B"
(a) ON Timing for Low Bleeder Resistance
VM2
VM
VDD
RL
RL
RL
RH
RH
RH
VLC
High/low
resistance
switching
signal
RH: High resistance
RL: Low resistance
VLC
(b) Equivalent Circuit for
Bleeder Resistance
RLt: Period during which resistance RL is selected (Time specified with LCDCR<LRSE>)
RHt: Period during which resistance RH is selected
(Time specified with LCDCR<SLF>
÷ 4 − Time specified with LCDCR<LRSE>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com