Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 252 page
background image
Page 164
15. LCD Driver
15.1 Configuration
TMP86FS23UG
15.2.2 Frame frequency
Frame frequency (fF) is set according to driving method and base frequency as shown in the following Table
15-1. The base frequency is selected by LCDCR<SLF> according to the frequency fc and fs of the basic clock
to be used.
Note: fc: High-frequency clock [Hz]
Note: fs: Low-frequency clock [Hz]
Table 15-1 Setting of LCD Frame Frequency for high frequency clock
(a) At the SYSCR2<SYSCK> = “0”.
SLF
Base Frequency [Hz]
Frame Frequency [Hz]
1/4 Duty
1/3 Duty
1/2 Duty
Static
00
(fc = 16 MHz)
122
163
244
122
(fc = 8 MHz)
61
81
122
61
01
(fc = 8 MHz)
122
163
244
122
(fc = 4 MHz)
61
81
122
61
10
(fc = 4 MHz)
122
163
244
122
(fc = 2 MHz)
61
81
122
61
11
(fc = 2 MHz)
122
162
244
122
(fc = 1 MHz)
61
81
122
61
Table 15-2 Setting of LCD Frame Frequency for low frequency clock
(b) At the SYSCR2<SYSCK> = “1”.
SLF
Base Frequency [Hz]
Frame Frequency [Hz]
1/4 Duty
1/3 Duty
1/2 Duty
Static
00
(fs = 32.768 kHz)
64
85
128
64
01
(fs = 32.768 kHz)
128
171
256
128
1*
Reserved
fc
2
17
--------
fc
2
17
--------
4
3
---
fc
2
17
--------
•
4
2
---
fc
2
17
--------
•
fc
2
17
--------
fc
2
16
--------
fc
2
16
--------
4
3
---
fc
2
16
--------
•
4
2
---
fc
2
16
--------
•
fc
2
16
--------
fc
2
15
--------
fc
2
15
--------
4
3
---
fc
2
15
--------
•
4
2
---
fc
2
15
--------
•
fc
2
15
--------
fc
2
14
--------
fc
2
14
--------
4
3
---
fc
2
14
--------
•
4
2
---
fc
2
14
--------
•
fc
2
14
--------
fs
2
9
------
fs
2
9
------
4
3
--- fs
2
9
------
•
4
2
--- fs
2
9
------
•
fs
2
9
------
fs
2
8
------
fs
2
8
------
4
3
--- fs
2
8
------
•
4
2
--- fs
2
8
------
•
fs
2
8
------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com