Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 174 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 174 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 173Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 178Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 252 page
background image
Page 162
15. LCD Driver
15.1 Configuration
TMP86FS23UG
15.2 Control
The LCD control register (LCDCR) controls the LCD driver. EDSP specifies whether to enable the LCD display.
If EDSP is cleared to “0” for blanking, the power switch for the VLC pin is turned off. So, the COM pin and pin out-
put selected with SEG enter GND level.
Note 1: The base-frequency (SLF) source clock is switched between high and low frequencies by the SYSCR2<SYSCK> pro-
gramming. The base frequency does not depend on the TBTCR<DV7CK> programming.
Note 2: If the setting of SYSCR2<SYSCK>is changed, be sure to turn off the LCD (clear EDSP to “0”) to avoid the output of incor-
rect waveform.
Note 3: Programming LRSE properly according to the LCD panel used. As the LRSE programming increases (lengthen the period
of enabling of the low resistor), the drive capability becomes higher while the power dissipation increases. Reversely, as
the LRSE programming decreases shorten the period of enabling of the low resistor, the drive capability becomes lower
while the power consumption decreases.
Note 4: If the IDLE0, SLEEP0, or STOP mode is activated when the display is enabled, LCDCR<EDSP> is automatically changed
to “0” to blank the display.
LCD Driver Control Register
LCDCR
(0027H)
76
543
21
0
EDSP
LRSEL
DUTY
SLF
(Initial value: 0000 0000)
EDSP
LCD display control
0: Blanking
1: Enables LCD display (Blanking is released)
R/W
LRSE
Period selection of enabling
(turn on) of the low bleeder
resistor (for implementing
appropriate LCD panel drive
capability)
NORMAL1/2, IDLE/1/2 mode
SLOW1/2, SLEEP1/2 mode
SLF Setting
SLF Setting
11
10
01
00
01
00
00:
26/fc
27/fc
28/fc
29/fc
1/fs
2/fs
01:
29/fc
210/fc
211/fc
212/fc
23/fs
24/fs
10:
Always enabling
11:
Reserved
DUTY
Selection of driving methods
000: 1/4 Duty (1/3 Bias)
001: 1/3 Duty (1/3 Bias)
010: 1/3 Duty (1/2 Bias)
011: 1/2 Duty (1/2 Bias)
100: Static
101: Reserved
110: Reserved
111: Reserved
SLF
Selection of LCD frame fre-
quency
NORMAL1/2, IDLE0/1/2 mode
SLOW1/2, SLEEP1/2 mode
00:
01:
10:
11:
fc/217 [Hz]
fc/216
fc/215
fc/213
fs/29 [Hz]
fs/28
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com