Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS23UG Datasheet(PDF) 178 Page - Toshiba Semiconductor

Part # TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Datasheet(HTML) 178 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 252 page
background image
Page 166
15. LCD Driver
15.3 LCD Display Operation
TMP86FS23UG
15.3 LCD Display Operation
15.3.1 Display data setting
Display data is stored to the display data area (address 0F80H to 0F8FH,16 bytes) in the DBR. The display
data stored in the display data area is automatically read out and sent to the LCD driver by the hardware. The
LCD driver generates the segment signal and common signal according to the display data and driving method.
Therefore, display patterns can be changed by only over writing the contents of display data area by the pro-
gram. Table 15-4 shows the correspondence between the display data area and SEG/COM pins.
LCD light when display data is “1” and turn off when “0”. According to the driving method of LCD, the
number of pixels which can be driven becomes different, and the number of bits in the display data area which
is used to store display data also becomes different.
Therefore, the bits which are not used to store display data as well as the data buffer which corresponds to the
addresses not connected to LCD can be used to store general user process data (see Table 15-3).
Note: –: This bit is not used for display data
15.3.2 Blanking
Blanking is enabled when LCDCR<EDSP> is cleared to “0”.
To blank the LCD display and turn it off, a GND-level signal is output to the COM pin and the port which
can be used as the segment by setting of P*LCR register (*; Port No.). At this time, the power switch of VLC
pin is turned off.
Table 15-3 Driving Method and Bit for Display Data
Driving methods
Bit 7/3
Bit 6/2
Bit 5/1
Bit 4/0
1/4 Duty
COM3
COM2
COM1
COM0
1/3 Duty
–
COM2
COM1
COM0
1/2 Duty
–
–
COM1
COM0
Static
–
–
–
COM0
Table 15-4 LCD Display Data Area (DBR)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0F80H
SEG1
SEG0
0F81H
SEG3
SEG2
0F82H
SEG5
SEG4
0F83H
SEG7
SEG6
0F84H
SEG9
SEG8
0F85H
SEG11
SEG10
0F86H
SEG13
SEG12
0F87H
SEG15
SEG14
0F88H
SEG17
SEG16
0F89H
SEG19
SEG18
0F8AH
SEG21
SEG20
0F8BH
SEG23
SEG22
0F8CH
SEG25
SEG24
0F8DH
SEG27
SEG26
0F8EH
SEG29
SEG28
0F8FH
SEG31
SEG30
COM3
COM2
COM1
COM0
COM3
COM2
COM1
COM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com