Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 133Page - STMicroelectronics STM32U375CE Datasheet HTML 134Page - STMicroelectronics STM32U375CE Datasheet HTML 135Page - STMicroelectronics STM32U375CE Datasheet HTML 136Page - STMicroelectronics STM32U375CE Datasheet HTML 137Page - STMicroelectronics STM32U375CE Datasheet HTML 138Page - STMicroelectronics STM32U375CE Datasheet HTML 139Page - STMicroelectronics STM32U375CE Datasheet HTML 140Page - STMicroelectronics STM32U375CE Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 222 page
background image
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are applied to the pins of each
sample according to each pin combination. The sample size depends on the number of supply pins in the device
(3 parts × (n+1) supply pins). This test conforms to the ANSI/JEDEC standard.
Table 83. ESD absolute maximum ratings
Specified by design and not tested in production.
Symbol
Ratings
Conditions
Packages
PINs
Class
Max
Unit
VESD(HBM)
Electrostatic
discharge
voltage
(human body
model)
TA = 25°C conforming
to ANSI/ESDA/JEDEC
JS- 001
All
-
2
2000
V
VESD(CDM)
Electrostatic
discharge
voltage
(charge device
model)
TA = 25°C conforming
to ANSI/ESDA/JEDEC
JS- 002
LQFP100 LDO
& SMPS
-
C1
250
UFQFPN 48
LDO & SMPS
-
C2a
500
UFQFPN 32
UFBGA100
LDO & SMPS
WLCSP68(1)
and WLCSP52
LQFP64
LQFP48
SMPS
UFBGA64
LDO & SMPS
-
TBD
TBD
LQFP48 LDO
All except PA3
C2a
500
PA3
C1
250
1. For both WLCSP68 packages, WLCSP68-G and WLCSP68-Q.
Static latch-up
The following complementary static tests are required on three parts to assess the latch-up performance:
•
A supply overvoltage is applied to each power supply pin.
•
A current injection is applied to each input, output, and configurable I/O pin.
These tests are compliant with EIA/JESD 78E IC latch-up standard.
Table 84. Electrical sensitivities
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TJ = 110°C conforming to
JESD78
2
5.3.13
I/O current injection characteristics
As a general rule, the current injection to the I/O pins, due to external voltage below VSS or above VDDIOx (for
standard, 3.3 V
‑capable I/O pins) must be avoided during normal product operation. However, in order to give an
indication of the robustness of the microcontroller if abnormal injection accidentally happens, some susceptibility
tests are performed on a sample basis during the device characterization.
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 137/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com