Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 134Page - STMicroelectronics STM32U375CE Datasheet HTML 135Page - STMicroelectronics STM32U375CE Datasheet HTML 136Page - STMicroelectronics STM32U375CE Datasheet HTML 137Page - STMicroelectronics STM32U375CE Datasheet HTML 138Page - STMicroelectronics STM32U375CE Datasheet HTML 139Page - STMicroelectronics STM32U375CE Datasheet HTML 140Page - STMicroelectronics STM32U375CE Datasheet HTML 141Page - STMicroelectronics STM32U375CE Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 222 page
background image
Functional susceptibility to I/O current injection
While a simple application is executed on the device, the device is stressed by injecting current into the I/O pins
programmed in floating-input mode. While this current is injected into the I/O pin, one at a time, the device is
checked for functional failures.
The failure is indicated by an out-of-range parameter, such as an ADC error above a certain limit (higher than
5 LSB TUE), out of conventional limits of induced leakage current on adjacent pins (out of the 5 µA/+0 µA range),
or other functional failure (for example reset occurrence or oscillator frequency deviation).
The characterization results are given in the table below. The negative induced leakage current is caused by the
negative injection. The positive induced leakage current is caused by the positive injection.
Table 85. I/O current injection susceptibility
The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For instance, TT_a refers to
any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
Evaluated by characterization. Not tested in production.
Symbol
Description
Functional susceptibility
Unit
Negative injection
Positive injection
IINJ
Injected current on PA3/PA4/PA5 and PB0 pins
0
0
mA
Injected current on PB2/PB5 pins
0
N/A
Injected current on all other pins
5
N/A
5.3.14
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 86 are derived from tests performed under the
conditions summarized in Table 27. All I/Os are designed as CMOS and TTL-compliant.
Note:
For information on GPIO configuration, refer to the application note STM32 GPIO configuration for hardware
settings and low
‑power consumption (AN4899).
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 138/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com