Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 136Page - STMicroelectronics STM32U375CE Datasheet HTML 137Page - STMicroelectronics STM32U375CE Datasheet HTML 138Page - STMicroelectronics STM32U375CE Datasheet HTML 139Page - STMicroelectronics STM32U375CE Datasheet HTML 140Page - STMicroelectronics STM32U375CE Datasheet HTML 141Page - STMicroelectronics STM32U375CE Datasheet HTML 142Page - STMicroelectronics STM32U375CE Datasheet HTML 143Page - STMicroelectronics STM32U375CE Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 222 page
background image
Figure 36. I/O input characteristics (all I/Os except BOOT0)
Output driving current
The GPIOs (except PC13, PC14, PC15) can sink or source up to ± 8 mA, and sink or source up to ± 20 mA (with
a relaxed VOL/VOH). PC13, PC14, PC15 are limited in source capability: +3 mA shared between the three I/Os.
These GPIOs have the same sink capability than other GPIOs.
In the user application, the number of I/O pins tat can drive current must be limited to respect the absolute
maximum rating specified in Section 5.2: Absolute maximum ratings:
•
The sum of the currents sourced by all the I/Os on VDDIOx, plus the maximum consumption of the MCU
sourced on VDD, cannot exceed the absolute maximum rating ∑IVDD (see Table 25. Current
characteristics).
•
The sum of the currents sunk by all the I/Os on VSS, plus the maximum consumption of the MCU sunk on
VSS, cannot exceed the absolute maximum rating ∑IVSS (see Table 25. Current characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in the table below are derived from tests performed under the
ambient temperature and supply voltage conditions summarized in Table 27. All I/Os are CMOS- and TTL-
compliant (FT or TT unless otherwise specified).
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 140/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com