Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U375CE Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32U375CE
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 144 DMIPS, 1 MB flash memory, 256 KB SRAM, SMPS
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U375CE Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32U375CE Datasheet HTML 135Page - STMicroelectronics STM32U375CE Datasheet HTML 136Page - STMicroelectronics STM32U375CE Datasheet HTML 137Page - STMicroelectronics STM32U375CE Datasheet HTML 138Page - STMicroelectronics STM32U375CE Datasheet HTML 139Page - STMicroelectronics STM32U375CE Datasheet HTML 140Page - STMicroelectronics STM32U375CE Datasheet HTML 141Page - STMicroelectronics STM32U375CE Datasheet HTML 142Page - STMicroelectronics STM32U375CE Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 222 page
background image
Table 86. I/O static characteristics
The I/O structure options listed in this table can be a concatenation of options including the option explicitly listed. For instance, TT_a refers to
any TT I/O with _a option. TT_xx refers to any TT I/O and FT_xx refers to any FT I/O.
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their characteristics cover more than the strict CMOS-technology
or TTL parameters. The coverage of these requirements is shown in the figure below.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low
‑level voltage
1.08 V ≤ VDDIOx ≤ 3.6 V
-
-
0.3 VDDIOx
V
All I/Os
-
-
0.38
VDDIOx(2)
VIH(1)
I/O input high-level voltage
1.08 V ≤ VDDIOx ≤ 3.6 V
0.7 VDDIOx
-
-
All I/Os
0.5 VDDIOx
+ 0.2(2)
-
-
Vhys(2) Input hysteresis
TT_xx, FT_xx I/Os
-
250
-
mV
Ilkg(2)(3) Input leakage current
All I/Os except
FT_u, FT_d, FT_o,
FT_t,
TT_xx
VIN ≤ Max (VDDxxx)(4)
-
-
150
nA
Max (VDDXXX) < VIN(5) ≤ Max
(VDDXXX) + 1 V
-
-
2000
Max (VDDXXX) + 1 V < VIN ≤ 5.5 V(5)
-
-
500
FT_o I/Os
VIN ≤ Max (VDDXXX)
-
-
50
Max (VDDXXX) ≤ VIN ≤ Max (VDDXXX)
+ 1 V
-
-
500
Max (VDDXXX) +1 V ≤ VIN ≤ 5.5 V(5)
-
-
200
FT_u I/O
VIN≤ Max (VDDXXX)
-
-
200
Max (VDDXXX) ≤ VIN ≤ Max (VDDXXX)
+ 1 V
-
-
2500
Max (VDDXXX) ≤ VIN ≤ 5.5
-
-
500
FT_t
VIN ≤ Max (VDDXXX)
-
-
300
Max (VDDXXX) < VIN ≤ Max (VDDXXX)
+ 1 V(5)
-
-
3000
Max (VDDXXX) + 1 V < VIN ≤ 5.5 V(5)
-
-
600
Ilkg
(2)(3)
Input leakage current
TT_xx I/Os
VIN ≤ Max (VDDXXX)
-
-
500
nA
RPU
Weak pull
‑up equivalent
resistor(6)
-
30
40
50
kΩ
RPD
Weak pulldown equivalent
resistor(6)
-
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. Refer to Figure 36. I/O input characteristics (all I/Os except BOOT0).
2. Specified by design. Not tested in production.
3. This parameter represents the pad leakage of the I/O itself. The total product pad leakage is provided by the following formula:
ITotal_Ileak_max = 10 μA + [number of I/Os where VIN is applied on the pad] × Ilkg max.
4. Max (VDDxxx) is the maximum value of all the I/O supplies. The I/O supplies depend on the I/O structure options, as described in Table 20.
5. To sustain a voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) +0.3 V, the internal pull
‑up and pull‑down resistors must be disabled.
6. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This PMOS/NMOS
contribution to the series resistance is minimal (~10% order).
STM32U375xx
Electrical characteristics
DS14861 - Rev 2
page 139/222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com